Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4197-Q1 Datasheet (PDF) - Texas Instruments

OPA4197-Q1 Datasheet PDF - Texas Instruments
Part # OPA4197-Q1
Download  OPA4197-Q1 Download
File Size   3118.3 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx197-Q1 36V, Precision, Rail-to-Rail I/O, Low-Offset Voltage, Low-Input Bias Current e-trim™ Automotive Op Amps

OPA4197-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4197-Q1 Datasheet PDF - Texas Instruments

Part # OPA4197-Q1
Download  OPA4197-Q1 Click to download

File Size   3118.3 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx197-Q1 36V, Precision, Rail-to-Rail I/O, Low-Offset Voltage, Low-Input Bias Current e-trim™ Automotive Op Amps

OPA4197-Q1 Datasheet (HTML) - Texas Instruments


OPA4197-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Low offset voltage: ±250μV (maximum)
• Low offset voltage drift: ±0.2 μV/°C
• Low noise: 5.5nV/√Hz at 1kHz
• High common-mode rejection: 140dB
• Low bias current: ±5pA
• Rail-to-rail input and output
• Wide bandwidth: 10MHz GBW
• High slew rate: 20V/μs
• Low quiescent current: 1mA per amplifier
• Wide supply: ±2.25V to ±18V, 4.5V to 36V
• EMI/RFI filtered inputs
• Differential input-voltage range to supply rail
• High capacitive load drive capability: 1nF
• Industry-standard packages:
– Single and dual channel in very-small, 8-pin VSSOP
– Quad channel in 14-pin TSSOP
– Quad channel in 14 pin SOIC




Similar Part No. - OPA4197-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4197-Q1 TI-OPA4197-Q1 Datasheet
3Mb / 45P
OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA4197-Q1 TI2-OPA4197-Q1 Datasheet
2Mb / 56P
OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Operational Amplifiers
REVISED MARCH 2018
More results


Similar Description - OPA4197-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA392 TI-OPA392 Datasheet
1,002Kb / 23P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA392 TI-OPA392_V01 Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA397 TI-OPA397 Datasheet
1Mb / 30P
OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392 TI-OPA392_V02 Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA392 TI-OPA392_V03 Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392 TI-OPA392_V04 Datasheet
2Mb / 41P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com