Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2486DR Datasheet (PDF) - Texas Instruments

OPA2486DR Datasheet PDF - Texas Instruments
Part # OPA2486DR
Download  OPA2486DR Download
File Size   3004.77 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx486 48V, Zero-Drift, Low-Power, Low-Noise, Op Amp with Mux-Friendly Inputs

OPA2486DR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2486DR Datasheet PDF - Texas Instruments

Part # OPA2486DR
Download  OPA2486DR Click to download

File Size   3004.77 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx486 48V, Zero-Drift, Low-Power, Low-Noise, Op Amp with Mux-Friendly Inputs

OPA2486DR Datasheet (HTML) - Texas Instruments


OPA2486DR Product details

1 Features
• Wide operating supply range: 4.5V to 48V
• Zero-drift precision:
– Input offset voltage: 5μV, max
– Input offset voltage drift: 0.025μV/°C, max
– High PSRR: 144dB, min
– High CMRR: 144dB, min
• Ac performance:
– Gain bandwidth: 5.6MHz
– Slew rate: 15V/μs
– Low noise: 9.2nV/√Hz
– Near zero flicker noise: 0.3μVPP
• Input to the negative rail, rail-to-rail output
• Low quiescent current: 650μA, max
• Temperature: –40°C to +125°C




Similar Part No. - OPA2486DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2486DR TI2-OPA2486DR Datasheet
2Mb / 37P
OPAx486 48V, Zero-Drift, Low-Power, Low-Noise, Op Amp with Mux-Friendly Inputs
REVISED FEBRUARY 2026
OPA2486DR TI2-OPA2486DR Datasheet
2Mb / 40P
OPAx486 48V, Zero-Drift, Low-Power, Low-Noise, Op Amp with Mux-Friendly Inputs
REVISED FEBRUARY 2026
OPA2486DR TI2-OPA2486DR Datasheet
2Mb / 45P
OPAx486 48V, Zero-Drift, Low-Power, Low-Noise, Op Amp with Mux-Friendly Inputs
2026
More results


Similar Description - OPA2486DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
Low Noise, Low Drift FET Op Amp
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Texas Instruments
OPA2182 TI1-OPA2182 Datasheet
721Kb / 22P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V01 Datasheet
2Mb / 37P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V02 Datasheet
3Mb / 38P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com