Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4383 Datasheet (PDF) - Texas Instruments

OPA4383 Datasheet PDF - Texas Instruments
Part # OPA4383
Download  OPA4383 Download
File Size   2196.98 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp

OPA4383 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4383 Datasheet PDF - Texas Instruments

Part # OPA4383
Download  OPA4383 Click to download

File Size   2196.98 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp

OPA4383 Datasheet (HTML) - Texas Instruments


OPA4383 Product details

1 Features
• Ultra-low offset voltage: ±5μV (maximum)
• Zero drift: ±0.025μV/°C
• Low-input bias current: 62pA (maximum)
• Low noise: 32nV√Hz at 1kHz
• No 1/f noise: 650nVPP (0.1Hz to 10Hz)
• Common-mode input range ±100mV beyond supply rails
• Gain bandwidth: 2.5MHz
• Quiescent current: 65μA per amplifier
• Single supply: 1.7V to 5.5V
• Dual supply: ±0.85V to ±2.75V
• EMI and RFI filtered inputs




Similar Part No. - OPA4383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4383 TI1-OPA4383 Datasheet
1Mb / 29P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
DECEMBER 2024
OPA4383 TI2-OPA4383 Datasheet
1Mb / 36P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
REVISED JUNE 2025
OPA4383 TI2-OPA4383 Datasheet
1Mb / 36P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
REVISED JUNE 2025
OPA4383 TI2-OPA4383 Datasheet
1Mb / 36P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
REVISED NOVEMBER 2025
OPA4383PWR TI2-OPA4383PWR Datasheet
1Mb / 36P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
REVISED NOVEMBER 2025
More results


Similar Description - OPA4383

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD545A AD-AD545A Datasheet
280Kb / 4P
Monolithic Precision, Low Drift FET-Input Op Amp
AD8538 AD-AD8538 Datasheet
268Kb / 12P
Low Power, Precision Auto-Zero Op Amp
10/05-Revision 0
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
June 8, 2011
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
July 25, 2011
logo
Analog Devices
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
December 22, 2011
logo
Analog Devices
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com