Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A26289 Datasheet (PDF) - United Automation Ltd. All rights reserved

A26289 Datasheet PDF - United Automation Ltd. All rights reserved
Part # A26289
Download  A26289 Download
File Size   359.09 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 0-200°C, 2kW, 4kW, 110V, 230V

A26289 Datasheet (PDF)

Go To PDF Page Download Datasheet
A26289 Datasheet PDF - United Automation Ltd. All rights reserved

Part # A26289
Download  A26289 Click to download

File Size   359.09 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 0-200°C, 2kW, 4kW, 110V, 230V

A26289 Datasheet (HTML) - United Automation Ltd. All rights reserved


A26289 Product details

KEY FEATURES:
 Wide temperature control range: 0 to +200°C
 Available in 230VAC and 110VAC models
 Robust 16A current handling
 Integrated IP65-rated weatherproof enclosure for indoor/outdoor use
 Built-in power and load ON indicators
 Includes power lead and socket for easy connection to heater mats
 Compact and easy to install with minimal wiring requirements
APPLICATIONS:
 Pipe and container heating
 Battery warming systems
 Industrial catering equipment
 Environmental control for electronics
 General process temperature regulation in industrial settings




Similar Part No. - A26289

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A26223 UNITEDAUTOMATION-A26223 Datasheet
523Kb / 2P
25A, 110V / 230V, Temperature range 0-40°C or 0-150°C Burst Fired Flicker Inhibited
10 October 2025
A26227 UNITEDAUTOMATION-A26227 Datasheet
683Kb / 2P
16A, 110V / 230V Burst Fired Flicker Inhibited
6 October 2025
A26228 UNITEDAUTOMATION-A26228 Datasheet
683Kb / 2P
16A, 110V / 230V Burst Fired Flicker Inhibited
6 October 2025
A26230 UNITEDAUTOMATION-A26230 Datasheet
683Kb / 2P
16A, 110V / 230V Burst Fired Flicker Inhibited
6 October 2025
A26230 UNITEDAUTOMATION-A26230 Datasheet
420Kb / 3P
Up to 65ºC Thermistor – High-Precision Temperature Control
1 July 2025
More results


Similar Description - A26289

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
08-130063 VICOR-08-130063 Datasheet
107Kb / 1P
OUTLINE 4kW MPAC EXT
08-130080 VICOR-08-130080 Datasheet
93Kb / 1P
OUTLINE MEGAPAC 4kW STANDARD LENGTH
logo
GOOD-ARK Electronics
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1109 GOOD-ARK-SSF1109_15 Datasheet
1Mb / 7P
110V Channel MOSFET
SSF1109 GOOD-ARK-SSF1109 Datasheet
1Mb / 7P
110V Channel MOSFET
logo
Zowie Technology Corpor...
2.0SMPC ZOWIE-2.0SMPC Datasheet
123Kb / 3P
High power density 2KW TVS
logo
PHOENIX CONTACT
1452275 PHOENIX-1452275 Datasheet
61Kb / 4P
Valve connectors - SACC-VB-3CON-M12/C-1L-SV 110V
logo
Schneider Electric
ATS22D17Q SCHNEIDER-ATS22D17Q Datasheet
223Kb / 43P
soft starter-ATS22-control 220V-power 230V(4kW)/400...440V(7.5kW)
logo
Leshan Radio Company
LNB2294LT1G LRC-LNB2294LT1G Datasheet
606Kb / 5P
110V N-Channel Enhancement-Mode MOSFET VDS= 110V
logo
Schneider Electric
ATV12HU40M3 SCHNEIDER-ATV12HU40M3 Datasheet
151Kb / 10P
variable speed drive ATV12 - 4kW - 5hp - 200..240V - 3ph - with heat sink
May 14, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com