Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC14J Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54HC14J Datasheet PDF - Texas Instruments
Part # SN54HC14J
Download  SN54HC14J Download
File Size   1212.12 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Hex Inverters with Schmitt-Trigger Inputs

SN54HC14J Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC14J Datasheet PDF - Texas Instruments

Part # SN54HC14J
Download  SN54HC14J Click to download

File Size   1212.12 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Hex Inverters with Schmitt-Trigger Inputs

SN54HC14J Datasheet (HTML) - Texas Instruments


SN54HC14J Product details

Features
Buffered inputs
Wide operating voltage range: 2 V to 6 V
Wide operating temperature range: -40°C to +85°C
Supports fanout up to 10 LSTTL loads
Significant power reduction compared to LSTTL
logic ICs

Applications
Synchronize invterted clock inputs
Debounce a switch
Invert a digital signal

Description
This device contains six independent inverters
with Schmitt-trigger inputs. Each gate performs the
Boolean function Y = A in positive logic.




Similar Part No. - SN54HC14J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14J TI-SN54HC14J Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54HC14J TI-SN54HC14J Datasheet
665Kb / 17P
HEX SCHMITT-TRIGGER INVERTERS
SN54HC14J TI-SN54HC14J Datasheet
1Mb / 31P
HEX SCHMITT-TRIGGER INVERTERS
SN54HC14J TI-SN54HC14J Datasheet
1Mb / 33P
HEX SCHMITT-TRIGGER INVERTERS
SN54HC14J TI1-SN54HC14J Datasheet
1Mb / 30P
Hex Schmitt-Trigger Inverters
More results


Similar Description - SN54HC14J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS14 NSC-74LS14 Datasheet
123Kb / 6P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LVC14A DIODES-74LVC14A Datasheet
176Kb / 10P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SNC54LS14J TI-SNC54LS14J Datasheet
131Kb / 8P
54LS14 Hex Inverters with Schmitt Trigger Inputs
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 1
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
74AHC14 DIODES-74AHC14 Datasheet
263Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
Automotive Hex Inverters with Schmitt-Trigger Inputs
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com