Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCA9880 Datasheet (PDF) - Unex Technology Corporation

QCA9880 Datasheet PDF - Unex Technology Corporation
Part # QCA9880
Download  QCA9880 Download
File Size   937.31 Kbytes
Page   6 Pages
Manufacturer  UNEX [Unex Technology Corporation]
Direct Link  https://unex.com.tw/en/
Logo UNEX - Unex Technology Corporation
Description 802.11ac/n/a single band 3x3 PCIe mini card

QCA9880 Datasheet (PDF)

Go To PDF Page Download Datasheet
QCA9880 Datasheet PDF - Unex Technology Corporation

Part # QCA9880
Download  QCA9880 Click to download

File Size   937.31 Kbytes
Page   6 Pages
Manufacturer  UNEX [Unex Technology Corporation]
Direct Link  https://unex.com.tw/en/
Logo UNEX - Unex Technology Corporation
Description 802.11ac/n/a single band 3x3 PCIe mini card

QCA9880 Datasheet (HTML) - Unex Technology Corporation


QCA9880 Product details

Unique Front End Module design allows co-located 5GHz RF standing up to -3dBm power injection from 2.4GHz to
provide non-degraded Rx sensitivity on dual-band, dual-concurrent (DBDC) implementation.
Supports 20/40/80MHz channel and 256 QAM to maximize bandwidth effi ciency.
Single band 802.11ac/n/a supports 3Tx/3Rx to enables antenna port data rate up to 1.3Gbps.
Standard 29.85(W) x 50.80(L) mm PCIe full-size mini card with mounting holes is ideal for embedding into
ultra-compact devices or embed additional mini cards with complementary technologies.
Three U.FL antenna connectors enable design fl exibility to utilize different transmit/receive chains to
communicate with different users.
REACH SVHC 73 (2011/12/19) and RoHS compliance ensure a high level protection of human health and the
environment from risks that can be posed by chemicals.
Key Features:




Similar Part No. - QCA9880

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
QCA9377 CEL-QCA9377 Datasheet
142Kb / 1P
Supports Multiple HW/OS Platforms to Deliver Connectivity in HARSH ENVIRONMENTS
More results


Similar Description - QCA9880

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX COMPEX-WLE900VX Datasheet
947Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900V5-27ESD COMPEX-WLE900V5-27ESD Datasheet
1Mb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX-I COMPEX-WLE900VX-I Datasheet
340Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE1000V5-20 COMPEX-WLE1000V5-20 Datasheet
916Kb / 4P
3x3 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216VX COMPEX-WLE1216VX Datasheet
635Kb / 5P
Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216VX-I COMPEX-WLE1216VX-I Datasheet
632Kb / 5P
Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
logo
List of Unclassifed Man...
BCM4360 ETC1-BCM4360 Datasheet
477Kb / 8P
802.11ac/n/a single band 3x3 PCIe mini card, BCM4360
logo
silex technology americ...
SX-PCEAC-DB SILEX-SX-PCEAC-DB Datasheet
715Kb / 2P
Dual Band 802.11ac PCIe WLAN Module
REV A 20192903
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com