Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGM2300C Datasheet (PDF) - TOKYO KEISO CO.,LTD.

EGM2300C Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # EGM2300C
Download  EGM2300C Download
File Size   296.47 Kbytes
Page   12 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description EGM2300C

EGM2300C Datasheet (PDF)

Go To PDF Page Download Datasheet
EGM2300C Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # EGM2300C
Download  EGM2300C Click to download

File Size   296.47 Kbytes
Page   12 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description EGM2300C

EGM2300C Datasheet (HTML) - TOKYO KEISO CO.,LTD.


EGM2300C Product details

FEATURES
❏ Polypropylene liner (Size 25 to 150mm) achieved high-durability
and high-heat resistance. Suitable for water, sewage and hot
water for process temperature up to 90°C.
❏ Hastelloy C electrodes as standard.
❏ High accuracy of ±0.5% of reading.
❏ High speed data processing for quick response. Suitable for
batch process control and for pulsating fl ow.
❏ The excitation system extendable up to twice the commercial
frequency allows applications to much fl uid noise such as slurry.
❏ Blue dot matrix LCD (with backlight) used for the display. Capable
of providing 1 to 3-digit display.
❏ Equipped with a quick setup function to readily respond to
changed fl ow range, pulse rate, etc.
A touch panel system by an infrared sensor allows you to alter
the settings without removing the cover of the conversion section.
❏ 10kHz high-speed pulse output. Capable of responding to short
batch processes.
❏ Current and pulse output, bi-directional measurement, double
range, status output, control input...Full function provided in
compact design.




Similar Part No. - EGM2300C

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
EGM2050C KEISO-EGM2050C Datasheet
194Kb / 10P
EGM2050C
Apr 2019
EGM2100C KEISO-EGM2100C Datasheet
174Kb / 9P
EGM2100C
Feb 2022
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com