Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC3241M Datasheet (PDF) - Semtron Microtech Corporation

SMC3241M Datasheet PDF - Semtron Microtech Corporation
Part # SMC3241M
Download  SMC3241M Download
File Size   562.73 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Single P-Channel MOSFET

SMC3241M Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC3241M Datasheet PDF - Semtron Microtech Corporation

Part # SMC3241M
Download  SMC3241M Click to download

File Size   562.73 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Single P-Channel MOSFET

SMC3241M Datasheet (HTML) - Semtron Microtech Corporation


SMC3241M Product details

■DESCRIPTION
The SMC3241M uses trench MOSFET technology Provides extremely low RDS(ON), Low resistance package and excellent fast switching performance.
This device is ideal for efficient and fast switching applications.
■FEATURES
VDS=-30V, ID=-10A
RDS(ON)=17mΩ(Typ.)@VGS=-10V
RDS(ON)=24mΩ(Typ.)@VGS=-4.5V
◆100% EAS Guarantee
◆High power and current handling capability
■APPLICATIONS
◆Power Management
◆DC/DC Converters




Similar Part No. - SMC3241M

ManufacturerPart #DatasheetDescription
logo
Semtron Microtech Corpo...
SMC3241PA SEMTRON-SMC3241PA Datasheet
598Kb / 5P
Single P-Channel MOSFET
More results


Similar Description - SMC3241M

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14407AA-N ELM-TECH-ELM14407AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14409AA-N ELM-TECH-ELM14409AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14411AA-N ELM-TECH-ELM14411AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14419AA-N ELM-TECH-ELM14419AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14427AA-N ELM-TECH-ELM14427AA-N Datasheet
98Kb / 4P
Single P-channel MOSFET
ELM14437AA-N ELM-TECH-ELM14437AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM17415GA-S ELM-TECH-ELM17415GA-S Datasheet
99Kb / 4P
Single P-channel MOSFET
ELM32401LA-S ELM-TECH-ELM32401LA-S Datasheet
270Kb / 4P
Single P-channel MOSFET
ELM32405LA-S ELM-TECH-ELM32405LA-S Datasheet
250Kb / 4P
Single P-channel MOSFET
ELM32409LA-S ELM-TECH-ELM32409LA-S Datasheet
149Kb / 4P
Single P-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com