Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5842 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5842 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5842
Download  SC5842 Download
File Size   447.85 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Male Precision Connector Clamp/Solder Attachment For RG405 Cable

SC5842 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5842 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5842
Download  SC5842 Click to download

File Size   447.85 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Male Precision Connector Clamp/Solder Attachment For RG405 Cable

SC5842 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5842 Product details

Features
• Interface: RG405
• Attachment: Clamp/Solder
• Design: Precision
• Body Style: Straight




Similar Part No. - SC5842

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5840 FAIRVIEW-SC5840 Datasheet
478Kb / 3P
2.92mm Female Bulkhead Precision Connector Clamp/Solder Attachment For RG405 Cable , .235 inch D Hole
REV 1
SC5841 FAIRVIEW-SC5841 Datasheet
444Kb / 2P
2.92mm Female Precision Connector Clamp/Solder Attachment For RG405 Cable
REV 1
SC5843 FAIRVIEW-SC5843 Datasheet
425Kb / 2P
2.92mm Female Precision Connector Clamp/Solder Attachment For .047 SR Cable
REV 1
SC5844 FAIRVIEW-SC5844 Datasheet
432Kb / 3P
2.92mm Male Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable
REV 1.4
More results


Similar Description - SC5842

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4982 PASTERNACK-PE4982 Datasheet
280Kb / 2P
3.5mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44336 PASTERNACK-PE44336 Datasheet
261Kb / 3P
1.85mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4222 PASTERNACK-PE4222 Datasheet
264Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4142 PASTERNACK-PE4142 Datasheet
104Kb / 1P
TNC MALE, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4988 PASTERNACK-PE4988 Datasheet
274Kb / 2P
2.92mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4989 PASTERNACK-PE4989 Datasheet
284Kb / 2P
2.92mm Male Connector Solder Attachment For 0.118 inch
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44797 PASTERNACK-PE44797 Datasheet
286Kb / 3P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR047FL, PE-SR047AL, PE-047SR
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com