Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5833 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5833 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5833
Download  SC5833 Download
File Size   423.88 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Female (Jack) Bulkhead Connector For RG405 Cable, Solder

SC5833 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5833 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5833
Download  SC5833 Click to download

File Size   423.88 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Female (Jack) Bulkhead Connector For RG405 Cable, Solder

SC5833 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5833 Product details

Features
• Operating Frequency of 40 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
• Description
• 2.92mm Female Bulkhead Standard Bulkhead Connector Solder Attachment for RG405 Cable, part number SC5833, from Fairview Microwave
• is in-stock and ships same day. This 2.92mm female connector operates up to a maximum frequency of 40 GHz and offers good VSWR of
• 1.3:1. Fairview's SC5833 bulkhead 2.92mm connector enables designers to make external connections on product enclosures, and can be
• used in a variety of other rack mount and panel mount applications.
• Fairview's 2.92mm female bulkhead connector SC5833 datasheet specifications and outline drawing are shown in this PDF below. Our
• extensive offering of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections
• however they like. From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a
• connector solution to meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship
• them same-day.




Similar Part No. - SC5833

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SC583-50 HAMMOND-SC583-50 Datasheet
303Kb / 2P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
12/15/2018
SC583-50 HAMMOND-SC583-50 Datasheet
636Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
SC583-50 HAMMOND-SC583-50 Datasheet
640Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
SC583-50 HAMMOND-SC583-50 Datasheet
592Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 30.5mm push buttons
SC583-50 HAMMOND-SC583-50 Datasheet
592Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 30.5mm push buttons
More results


Similar Description - SC5833

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE34745 PASTERNACK-PE34745 Datasheet
290Kb / 1P
CABLE ASSEMBLY PE-SR402FL, 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
PE34747 PASTERNACK-PE34747 Datasheet
289Kb / 1P
CABLE ASSEMBLY RG405/U 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
PE34743 PASTERNACK-PE34743 Datasheet
116Kb / 1P
CABLE ASSEMBLY, PE-SR402AL, 2.92MM MALE TO 2.92MM FEMALE BULKHEAD
PE4362 PASTERNACK-PE4362 Datasheet
231Kb / 3P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4988 PASTERNACK-PE4988 Datasheet
274Kb / 2P
2.92mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE34747LF PASTERNACK-PE34747LF Datasheet
237Kb / 1P
CABLE ASSEMBLY, RG405/U, 2.92mm MALE TO 2.92mm FEMALE BULKHEAD (LEAD FREE)
PE34749LF PASTERNACK-PE34749LF Datasheet
237Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
logo
CRYSTEK CORPORATION
CS-FF-MJB CRYSTEKMICROWAVE-CS-FF-MJB Datasheet
116Kb / 3P
2.92mm Jack, Solder Clamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com