Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0214-S Datasheet (PDF) - Proto Advantage SMD Adapter

PA0214-S Datasheet PDF - Proto Advantage SMD Adapter
Part # PA0214-S
Download  PA0214-S Download
File Size   42.11 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PLCC-32/JLCC-32/LCC-32 Stencil (50 mils / 1.27 mm pitch, 14 x 11.5 mm body)

PA0214-S Datasheet (PDF)

Go To PDF Page Download Datasheet
PA0214-S Datasheet PDF - Proto Advantage SMD Adapter

Part # PA0214-S
Download  PA0214-S Click to download

File Size   42.11 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PLCC-32/JLCC-32/LCC-32 Stencil (50 mils / 1.27 mm pitch, 14 x 11.5 mm body)

PA0214-S Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - PA0214-S

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0214 PROTOADVANTAGE-PA0214 Datasheet
49Kb / 2P
PLCC-32/JLCC-32/LCC-32 to DIP-32 SMT Adapter (50 mils / 1.27 mm pitch, 14 x 11.5 mm body)
revision 1.0
logo
Norgren Ltd
PA0214025 NORGREN-PA0214025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
logo
Proto Advantage SMD Ada...
PA0214C PROTOADVANTAGE-PA0214C Datasheet
183Kb / 2P
PLCC-32/JLCC-32/LCC-32 to DIP-32 SMT Adapter (50 mils / 1.27 mm pitch, 14 x 11.5 mm body)
revision 1.0
More results


Similar Description - PA0214-S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_08 Datasheet
100Kb / 4P
32 mm Glass Transponder
logo
Schurter Inc.
231685 SCHURTER-231685 Datasheet
213Kb / 1P
Clip, 6.3 x 32 mm
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
00318002 SCHURTER-00318002 Datasheet
395Kb / 2P
Fuseholder Open Design, 6.3 x 32 mm, THT
logo
GREATECS
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
32 x 16.5 mm SP illuminated Rocker Switches
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
32 x 25 mm illuminated Rocker Switches
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_12 Datasheet
104Kb / 4P
32 mm Glass Transponder
RI-TRP-DR2B-30 TI-RI-TRP-DR2B-30 Datasheet
84Kb / 5P
32 mm Glass Transponder
logo
Schurter Inc.
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
logo
Eaton All Rights Reserv...
EAC10 EATON-EAC10 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com