Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES10-M3 Datasheet (PDF) - FranMar International Inc.

ES10-M3 Datasheet PDF - FranMar International Inc.
Part # ES10-M3
Download  ES10-M3 Download
File Size   293.41 Kbytes
Page   1 Pages
Manufacturer  FRANMAR [FranMar International Inc.]
Direct Link  https://www.franmar.com.tw/
Logo FRANMAR - FranMar International Inc.
Description  10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters

ES10-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES10-M3 Datasheet PDF - FranMar International Inc.

Part # ES10-M3
Download  ES10-M3 Click to download

File Size   293.41 Kbytes
Page   1 Pages
Manufacturer  FRANMAR [FranMar International Inc.]
Direct Link  https://www.franmar.com.tw/
Logo FRANMAR - FranMar International Inc.
Description  10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters

ES10-M3 Datasheet (HTML) - FranMar International Inc.


ES10-M3 Product details

Fully Protected (OCP/OVP/UVLO)
Regulated Outputs
3000VDC I/O Isolation
No Tantalum Capacitor Inside
2000m Operating Altitude
1"x1"x0.4" inches Meets Industrial Standard
-55 C Operating Available (Suffix “L) o
Remote On/Off
Low No Load Power Consumption
Fixed Switching Frequency
EMI Meets EN55032 Class A without
External Component
Efficiency up to 89.5%
Operating temp. -40 C to +105 C o o




Similar Part No. - ES10-M3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
ES10 JAE-ES10 Datasheet
290Kb / 5P
Just need to insert the stripped wire into the connector for connection.
logo
Bruckewell Technology L...
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
ES1000FL DAESAN-ES1000FL Datasheet
385Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Won-Top Electronics
ES1000FL WTE-ES1000FL Datasheet
52Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
September, 2012
More results


Similar Description - ES10-M3

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RUI MPD-B2000RUI Datasheet
226Kb / 2P
Compact, High Isolation 4:1 Input Range, 20W DC/DC Converters
logo
Tumbler Technologies + ...
TC4W-7S243.3 TRUMPOWER-TC4W-7S243.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 10 Watt
logo
ams AG
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_16 Datasheet
205Kb / 5P
1500 and 3000VDC I/O Isolation
logo
Wall Industries,Inc.
MSLU WALL-MSLU Datasheet
222Kb / 7P
1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC2SBW CINCON-EC2SBW Datasheet
198Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW-110S33 CINCON-EC6AW-110S33 Datasheet
226Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com