Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

672731RF Datasheet (PDF) - Hugo Mueller GmbH & Co. KG

672731RF Datasheet PDF - Hugo Mueller GmbH & Co. KG
Part # 672731RF
Download  672731RF Download
File Size   194.41 Kbytes
Page   2 Pages
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG
Description RF SWITCHING ACTUATORS

672731RF Datasheet (PDF)

Go To PDF Page Download Datasheet
672731RF Datasheet PDF - Hugo Mueller GmbH & Co. KG

Part # 672731RF
Download  672731RF Click to download

File Size   194.41 Kbytes
Page   2 Pages
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG
Description RF SWITCHING ACTUATORS

672731RF Datasheet (HTML) - Hugo Mueller GmbH & Co. KG


672731RF Product details

Overview
Switching actuator / thermostat 1-channel
For heating and cooling applications
Breaking capacity: 250 V / 16 A
Adjustable set-point temperature range: +5...+30°C
Works with wireless temperature sensors 676 310 rf and
676 311 rf
Works with wireless door-/window contact 676 410 rf
Works with wireless motion / presence detector 674 110
rf
RF-repeater function included
DIN-rail mounting
Protection class IP 20
KNX-RF compatible




Similar Part No. - 672731RF

ManufacturerPart #DatasheetDescription
logo
Hugo Mueller GmbH & Co....
672730RF HUGO-MUELLER-672730RF Datasheet
77Kb / 2P
RF SWITCHING ACTUATORS
More results


Similar Description - 672731RF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
LED Tipped Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
Multilayer Piezoelectric Actuators
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
Multilayer Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
STEPPING ACTUATORS
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
Hybrid Linear Actuators
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
Magnets and Actuators
11/03/15
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com