Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X15217 Datasheet (PDF) - United Automation Ltd. All rights reserved

X15217 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X15217
Download  X15217 Download
File Size   404.03 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 25A Included Thermal Paste

X15217 Datasheet (PDF)

Go To PDF Page Download Datasheet
X15217 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X15217
Download  X15217 Click to download

File Size   404.03 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 25A Included Thermal Paste

X15217 Datasheet (HTML) - United Automation Ltd. All rights reserved


X15217 Product details

KEY FEATURES:
 Easy-to-Mount Ventilated Back Plate: Simplifies installation and enhances airflow for effective cooling.
 TM-500 Thermal Paste: Provides excellent thermal conductivity, ensuring efficient heat transfer.
 Lightweight Aluminium Design: Offers robust performance while being easy to handle and install.
 Optimal Heat Dissipation: Designed to maintain ideal operating temperatures for devices up to 25A.
APPLICATIONS:
The KA-100 is ideal for use with:
• SSC: Enhances the performance and lifespan of soft start modules.
• DCM: Ensures efficient cooling for DC motor control applications.
• PSR: Provides reliable thermal management for phase angle power controllers.
• PAC: Suitable for power control devices, ensuring stable operation.
• PCE (Pulsed Coil Energisers): Ideal for devices requiring pulsed coil energising.
• TPSR: Maintains optimal temperature for phase angle AC regulators.




Similar Part No. - X15217

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
X15216 UNITEDAUTOMATION-X15216 Datasheet
427Kb / 2P
Up to 25A Included Thermal Paste
16 July 2025
More results


Similar Description - X15217

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM2541B-L SANKEN-TM2541B-L Datasheet
46Kb / 2P
TO-3PF 25A Triac
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
OUTPUT CURRENT UP TO 25A
logo
Lineage Power Corporati...
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
36 to 75 Vdc Input; Single Output up to 25A
logo
Microsemi Corporation
679 MICROSEMI-679_10 Datasheet
807Kb / 3P
Current ratings to 25A
logo
Delta Electronics, Inc.
THNR1115 DELTA-THNR1115 Datasheet
247Kb / 1P
High current ( Isat up to 25A ), though hole type
logo
Sanken electric
TM2541B-L SANKEN-TM2541B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
logo
HALO Electronics, Inc.
HFJT1-PP50RL HALO-HFJT1-PP50RL Datasheet
371Kb / 1P
1x1 Tab-Up Pin-in-Paste 10/100BASE-T Integrated RJ45
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com