Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC6015 Datasheet (PDF) - Infinite Electronics International, Inc.

SC6015 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC6015
Download  SC6015 Download
File Size   523.2 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Female Bulkhead Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR Cable

SC6015 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC6015 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC6015
Download  SC6015 Click to download

File Size   523.2 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Female Bulkhead Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR Cable

SC6015 Datasheet (HTML) - Infinite Electronics International, Inc.


SC6015 Product details

Features
• Operating Frequency
• of 4 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
• Applications:
• General Purpose Test
• Rack and Panel Mount
• Applications
• Custom Cable Assemblies




Similar Part No. - SC6015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC601-R ETC1-SC601-R Datasheet
259Kb / 8P
Speech And Music Processor
SC601-RL1 ETC1-SC601-RL1 Datasheet
259Kb / 8P
Speech And Music Processor
logo
Infinite Electronics In...
SC6013 FAIRVIEW-SC6013 Datasheet
27Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC6017 FAIRVIEW-SC6017 Datasheet
32Kb / 1P
- - 0.476"(12.1)MIN 0.500"(12.7) MIN
REV A
More results


Similar Description - SC6015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44675 PASTERNACK-PE44675 Datasheet
253Kb / 3P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE45142 PASTERNACK-PE45142 Datasheet
354Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE44385 PASTERNACK-PE44385 Datasheet
327Kb / 3P
SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PE45368 PASTERNACK-PE45368 Datasheet
387Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45404H PASTERNACK-PE45404H Datasheet
725Kb / 5P
FAKRA Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, .100 inch, PE-B100, PE-C100, LMR-100, Violet Color
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com