Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5403X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R5403X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R5403X
Download  R5403X Download
File Size   2142.31 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Li-ION/POLYMER 1CELL PROTECTOR

R5403X Datasheet (PDF)

Go To PDF Page Download Datasheet
R5403X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R5403X
Download  R5403X Click to download

File Size   2142.31 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Li-ION/POLYMER 1CELL PROTECTOR

R5403X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R5403X Product details

FEATURES
Manufactured with High Voltage Tolerant Process
• Absolute Maximum Rating ..................................... 30V
Low supply current
• Supply current (At normal mode) ............................. Typ. 4.0μA
• At detecting over-discharge ..................................... Max. 0.1μA (Over-discharge Latch type)
Max. 2.0μA (Over-discharge Auto-release type)
High accuracy detector threshold
• Over-charge detector ............................................... ±25mV (Topt=25°C)
................................................................................. ±30mV (Topt=−5°C to 55°C)
• Over-discharge detector .......................................... ±2.5%
• Excess discharge-current detector .......................... ±15mV
Variety of detector threshold
• Over-charge detector threshold ............................... 4.0V to 4.5V step of 0.005V
• Over-discharge detector threshold ........................... 2.0V to 3.0V step of 0.100V
• Excess discharge-current threshold......................... 0.05V to 0.20V step of 0.005V
• Excess charge-current threshold ........................ −0.05V to −0.20V step of 0.005V
Internal fixed Output delay time
• Over-charge detector Output Delay ......................... 1.0s
• Over-discharge detector Output Delay .................... 20ms
• Excess discharge-current detector Output Delay .. 6ms/12ms
• Excess charge-current detector Output Delay ....... 8ms/16ms
• Short Circuit detector Output Delay ....................... 200μs/300μs/400μs
Output Delay Time Shortening Function
At COUT is "H", if V- level is set at typically –2V, the Output Delay time of all items except short-circuit can be
reduced. (Delay Time for over-charge becomes about 1/60 of normal state.)
• 0V-battery charge option .......................................... Acceptable/Unacceptable
• Conditions for release over-charge detector ............ Latch type/Auto Release type
• Conditions for release over-discharge detector ..... Latch type /Auto Release type
Ultra Small package
• The R5403x Series have SOT-23-5 and DFN(PL)1820-6.
• The R5405x Series have SOT-23-6 and DFN(PL)1616-6 and DFN1814-6.




Similar Part No. - R5403X

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
R5405 VANLONG-R5405 Datasheet
92Kb / 2P
303.825 MHz One Port SAW Resonator
logo
GIACOMINI WATER E-MOTIO...
R540I-1103 GIACOMINI-R540I-1103 Datasheet
279Kb / 2P
Immersion thermostat, radial or rear connection
R540IY001 GIACOMINI-R540IY001 Datasheet
279Kb / 2P
Immersion thermostat, radial or rear connection
R540IY002 GIACOMINI-R540IY002 Datasheet
279Kb / 2P
Immersion thermostat, radial or rear connection
R540IY003 GIACOMINI-R540IY003 Datasheet
279Kb / 2P
Immersion thermostat, radial or rear connection
More results


Similar Description - R5403X

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
Li-Ion/Polymer Battery for one-cell Protector
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
LI-ION/POLYMER TWO CELL PROTECTOR
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
LI-ION/POLYMER ONE CELL PROTECTOR
logo
Mitsumi Electronics, Co...
MM3721 MITSUMI-MM3721 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MD1421EXXCPAL MITSUMI-MD1421EXXCPAL Datasheet
48Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
ME01 MITSUMI-ME01 Datasheet
54Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3722 MITSUMI-MM3722 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3724 MITSUMI-MM3724 Datasheet
48Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com