Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

00212207B Datasheet (PDF) - Optronics International

00212207B Datasheet PDF - Optronics International
Part # 00212207B
Download  00212207B Download
File Size   220.99 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Millennium Series 3" Sealed Marker/Clearance Lights

00212207B Datasheet (PDF)

Go To PDF Page Download Datasheet
00212207B Datasheet PDF - Optronics International

Part # 00212207B
Download  00212207B Click to download

File Size   220.99 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Millennium Series 3" Sealed Marker/Clearance Lights

00212207B Datasheet (HTML) - Optronics International


00212207B Product details

Sealed, waterproof design
Hard wired, includes separate ground wire
Available with .180 male bullets or metripack connector
Choose from light only or kit with chrome bezel
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - 00212207B

ManufacturerPart #DatasheetDescription
logo
Optronics International
00212217B OPTRONICS-00212217B Datasheet
139Kb / 3P
Miscellaneous Trim Rings and Bezels
More results


Similar Description - 00212207B

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDRI150-3W BANNER-LEDRI150-3W Datasheet
234Kb / 2P
LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
LED..SW Series Spot Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com