Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDO-4-A Datasheet (PDF) - Broyce Control

LEDO-4-A Datasheet PDF - Broyce Control
Part # LEDO-4-A
Download  LEDO-4-A Download
File Size   522.04 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description Delay On Operate, Multi-voltage Timer

LEDO-4-A Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDO-4-A Datasheet PDF - Broyce Control

Part # LEDO-4-A
Download  LEDO-4-A Click to download

File Size   522.04 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description Delay On Operate, Multi-voltage Timer

LEDO-4-A Datasheet (HTML) - Broyce Control


LEDO-4-A Product details

*NEW* 17.5mm DIN rail housing
Supply Initiated Delay On Operate timing function
7 Selectable time ranges (0.1 seconds – 100 hours)
Fine adjustment of selected time range
Multi-voltage input (12 – 230V AC/DC)
1 x SPDT relay output 8A
Green LED indication for supply / timing status
Red LED indication for relay status
Conforms to IEC 61812




Similar Part No. - LEDO-4-A

ManufacturerPart #DatasheetDescription
logo
Broyce Control
LEDO_2-4-A-1 BROYCECONTROL-LEDO_2-4-A-1 Datasheet
477Kb / 1P
Delay On Operate, Multi-voltage Timer
More results


Similar Description - LEDO-4-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
Timers Delay on Operate
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
Timers Delay on Operate
logo
Tyco Electronics
2401-1A-1102 MACOM-2401-1A-1102 Datasheet
74Kb / 1P
2400 Series Delay On Operate Timer Fixed Timing, Relay Output
logo
List of Unclassifed Man...
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
Timers Delay on Operate
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
Delay on operate timing mode
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
Multi-Range ON DELAY TIMER/FLICKER
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
Timers Delay on Operate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com