Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG1736-12XP-040-4NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG1736-12XP-040-4NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG1736-12XP-040-4NF
Download  HG1736-12XP-040-4NF Download
File Size   816.58 Kbytes
Page   8 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 1.71 to 2.7 GHz, 3.3 to 3.6 GHz, 4-port WISP Panel Antenna, 13 and 14 dBi, 33-degree, 4 N-type female, /- 45 dual Polarization

HG1736-12XP-040-4NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG1736-12XP-040-4NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG1736-12XP-040-4NF
Download  HG1736-12XP-040-4NF Click to download

File Size   816.58 Kbytes
Page   8 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 1.71 to 2.7 GHz, 3.3 to 3.6 GHz, 4-port WISP Panel Antenna, 13 and 14 dBi, 33-degree, 4 N-type female, /- 45 dual Polarization

HG1736-12XP-040-4NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG1736-12XP-040-4NF Product details

Features
• 1710 to 2700 MHz and 3300 to 3600 MHz, 14 dBi gain
• 33 deg. beamwidth sector antenna
• 4 x N-type female connector
• Weather proof - UV resistant PVC radome
• Dual slant polarization (+/- 45 deg.)
• VSWR < 2:1
• 100 W max input power per port

Applications
• Point to point data links (PtP)
• Point to multi-point data links (PtMP)
• 2x2, 4x4 MIMO capability
• WLAN, Wi-Fi 2.4 GHz, Wireless networks
• DAS, CBRS and 3 GHz WISP
• Smart cities expansion for coverage and IOT / IIOT
• 5G bands - n1, n2, n3, n7, n25, n30, n34, n39, n40, n41, n65,
n66, n78, n80, n84, n86, n95, n97, n98, n101
• 4G LTE bands - B1, B2, B3, B4, B7, B25,B30, B33, B34, B37,
B38, B39,B40, B41, B42, B65, B66, B69, B70




Similar Part No. - HG1736-12XP-040-4NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG172706U-PRO L-COM-HG172706U-PRO Datasheet
321Kb / 3P
1710-2700 MHz 6 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/17/2021
HG172708U-PRO L-COM-HG172708U-PRO Datasheet
314Kb / 3P
1710-2700 MHz 8 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/17/2021
HG172710U-PRO L-COM-HG172710U-PRO Datasheet
302Kb / 3P
1710-2700 MHz 10 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/17/2021
HG1727S4X6518-4F-R L-COM-HG1727S4X6518-4F-R Datasheet
2Mb / 7P
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 2-12 Degree RET, 4 x 4.3-10 Female Connector
03/10/2023
HG1727S6X6518-4F-R L-COM-HG1727S6X6518-4F-R Datasheet
2Mb / 7P
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 0-10 Degree RET, 6 x 4.3-10 Female Connector
03/10/2023
More results


Similar Description - HG1736-12XP-040-4NF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
HY17-12 ALPHA-HY17-12 Datasheet
50Kb / 3P
90 Degree Hybrid 1.71-1.88 GHz
logo
Skyworks Solutions Inc.
HY17-12 SKYWORKS-HY17-12 Datasheet
143Kb / 4P
90-Degree Hybrid 1.71-1.88 GHz
logo
Pasternack Enterprises,...
PE2059 PASTERNACK-PE2059 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts
PE2052 PASTERNACK-PE2052 Datasheet
292Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
PE9877 PASTERNACK-PE9877 Datasheet
290Kb / 2P
CPR-229G to N Female Grooved Waveguide to Coax Adapter 3.3 GHz to 4.9 GHz
PE51158 PASTERNACK-PE51158 Datasheet
344Kb / 2P
Dome Multi Band Antenna Operates From 698 MHz to 2.7 GHz With a Maximum 5 dBi Gain N Female Input Connector
logo
NXP Semiconductors
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com