Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S204M-C16 Datasheet (PDF) - ABB

S204M-C16 Datasheet PDF - ABB
Part # S204M-C16
Download  S204M-C16 Download
File Size   118.97 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200M - 4P - C - 16 ampere

S204M-C16 Datasheet (PDF)

Go To PDF Page Download Datasheet
S204M-C16 Datasheet PDF - ABB

Part # S204M-C16
Download  S204M-C16 Click to download

File Size   118.97 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200M - 4P - C - 16 ampere

S204M-C16 Datasheet (HTML) - ABB


S204M-C16 Product details

Extended Product Type S204M-C16
Product ID 2CDS274001R0164
EAN 4016779550758
Catalog Description Miniature Circuit Breaker - S200M - 4P - C - 16 ampere
Long Description
System pro M compact S200M miniature circuit breakers are current limiting. They
have two different tripping mechanisms, the delayed thermal tripping mechanism for
overload protection and the electromechanic tripping mechanism for short circuit
protection. They are available in different characteristics (B,C,D,K,Z), configurations
(1P,1P+N,2P,3P,3P+N,4P), breaking capacities (up to 10 kA at 230/400 V AC) and rated
currents (up to 63A). All MCBs of the product range S200M comply with IEC/EN 60898-
1 and IEC/EN 609 47-2, allowing the use for residential, commercial and industrial
applications. Bottom-fitting auxiliary contact can be mounted on S200M to save 50%
space.
General Information




Similar Part No. - S204M-C16

ManufacturerPart #DatasheetDescription
logo
ABB
S204M-C25 ABB-S204M-C25 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - C - 25 A
S204M-C40 ABB-S204M-C40 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - C - 40 A
S204M-C50 ABB-S204M-C50 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - C - 50 A
S204M-C6 ABB-S204M-C6 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - C - 6 A
S204M-C63 ABB-S204M-C63 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200M - 4P - C - 63 A
More results


Similar Description - S204M-C16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
A9F04703 SCHNEIDER-A9F04703 Datasheet
158Kb / 3P
iC60N - miniature circuit breaker - 3P N - 3A - C curve
2019. 10. 22
HOM115C SCHNEIDER-HOM115C Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM130C SCHNEIDER-HOM130C Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 30A
A9F44220 SCHNEIDER-A9F44220 Datasheet
81Kb / 2P
Acti9 iC60N 2P 20A C Miniature Circuit breaker
23-Feb-2021
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
A9N61526 SCHNEIDER-A9N61526 Datasheet
81Kb / 2P
miniature circuit breaker - C60H - 2 poles - 6 A C curve
23-Feb-2021
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
logo
Schneider Electric
A9N61521 SCHNEIDER-A9N61521 Datasheet
114Kb / 3P
miniature circuit breaker - C60H - 2 poles - 1 A - C curve
Nov 3, 2022
logo
Eaton All Rights Reserv...
FAZ-C61 EATON-FAZ-C61 Datasheet
121Kb / 3P
Miniature circuit breaker (MCB), 6 A, 1p, characteristic: C
04/06/2023
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com