Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S803S-C63 Datasheet (PDF) - ABB

S803S-C63 Datasheet PDF - ABB
Part # S803S-C63
Download  S803S-C63 Download
File Size   118.13 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description S803S-C63 High Performance MCB

S803S-C63 Datasheet (PDF)

Go To PDF Page Download Datasheet
S803S-C63 Datasheet PDF - ABB

Part # S803S-C63
Download  S803S-C63 Click to download

File Size   118.13 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description S803S-C63 High Performance MCB

S803S-C63 Datasheet (HTML) - ABB


S803S-C63 Product details

Extended Product Type S803S-C63
Product ID 2CCS863001R0634
EAN 7612271200800
Catalog Description S803S-C63 High Performance MCB
Long Description
The S803S-C63 is a 3-pole High Performance Circuit breaker with C-characteristic, with
cage terminal and a rated current of 63 A. It is a current limiting device with a
maximum breaking capacity of 50kA at 240/415V. It can be used for voltages up to
400/690V and in DC as well. It has two different tripping mechanisms, the thermal
tripping mechanism for overload protection and the electromechanic tripping
mechanism for short circuit protection. The S803S-C63 complies with IEC/EN 60898-1
and IEC/EN 60947-2 and allows the use for residential, commercial and industrial
applications. It has numerous of approvals, therefore it can be used worldwide. The
extensive range of accessory makes the use of S803S-C63 more comfortable. Due to
the fast arc extinction of S803S-C63 your application will be secured.
General Information




Similar Part No. - S803S-C63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8030 ETC-S8030 Datasheet
616Kb / 6P
TRANSFER PET MATT WHITE S8030-BG42WH FSC
November-2023
logo
Teccor Electronics
S8035J TECCOR-S8035J Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S8035J LITTELFUSE-S8035J Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S8035J LITTELFUSE-S8035J Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S8035J NJSEMI-S8035J Datasheet
1Mb / 2P
Electrical Specifications
More results


Similar Description - S803S-C63

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
High Performance High Performance
July, 2006 ??Rev. 3
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
High-performance
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
High Performance
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
High Performance
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
HIGH-PERFORMANCE
SI4464 SILABS-SI4464 Datasheet
859Kb / 56P
HIGH-PERFORMANCE
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
High Performance
Rev. 0
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
High performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
High-performance
logo
ABB
S803C-C125 ABB-S803C-C125 Datasheet
117Kb / 4P
S803C-C125 High Performance MCB
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com