Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9547PRO Datasheet (PDF) - Hugo Mueller GmbH & Co. KG

SC9547PRO Datasheet PDF - Hugo Mueller GmbH & Co. KG
Part # SC9547PRO
Download  SC9547PRO Download
File Size   197.81 Kbytes
Page   2 Pages
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG
Description MASTERCLOCKS

SC9547PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9547PRO Datasheet PDF - Hugo Mueller GmbH & Co. KG

Part # SC9547PRO
Download  SC9547PRO Click to download

File Size   197.81 Kbytes
Page   2 Pages
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG
Description MASTERCLOCKS

SC9547PRO Datasheet (HTML) - Hugo Mueller GmbH & Co. KG


SC9547PRO Product details

Overview
For approx. 200 slave clocks (24 V DC, 1.5 A, pole
changing pulse)
No extra power supply unit needed (24 V DC slave
clocks and GPS-time antenna included)
Short-circuit proof
Automatic adjustment of the slave clocks
Automatic time correction of slave clock/s after supply
voltage interruption
Fully automatic summertime change (European
standard) with 60 additional pulses or 1 hour pulse
suppression of the slave-clock-line
Monitoring of the slave-clock-line and malfunction
indicator in display
Security by PIN-Code
Illuminated display
Data-key function
DCF / GPS function
Frontswitch (potential-free) can be used to control an
arbitrary application




Similar Part No. - SC9547PRO

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9511 FAIRVIEW-SC9511 Datasheet
28Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC9513 FAIRVIEW-SC9513 Datasheet
621Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188, 0.100 inch, LMR-100, LMR- 100A, LMR-100A-FR Cable
REV 1.1A
SC9515 FAIRVIEW-SC9515 Datasheet
28Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
logo
celduc-relais
SC952100 CELDUC-SC952100 Datasheet
96Kb / 2P
Power Solid State Relay
logo
Infinite Electronics In...
SC9535 FAIRVIEW-SC9535 Datasheet
301Kb / 3P
Right Angle MMCX Plug (Male) Connector for 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable, Crimp/Solder
REV C
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com