Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCX421 Datasheet (PDF) - Hugo Mueller GmbH & Co. KG

TCX421 Datasheet PDF - Hugo Mueller GmbH & Co. KG
Part # TCX421
Download  TCX421 Download
File Size   271.38 Kbytes
Page   2 Pages
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG
Description COUNT DOWN TIMERS / RELAYS

TCX421 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCX421 Datasheet PDF - Hugo Mueller GmbH & Co. KG

Part # TCX421
Download  TCX421 Click to download

File Size   271.38 Kbytes
Page   2 Pages
Manufacturer  HUGO-MUELLER [Hugo Mueller GmbH & Co. KG]
Direct Link  https://hugo-mueller.de/
Logo HUGO-MUELLER - Hugo Mueller GmbH & Co. KG
Description COUNT DOWN TIMERS / RELAYS

TCX421 Datasheet (HTML) - Hugo Mueller GmbH & Co. KG


TCX421 Product details

Overview
Countdown timer
Max. time: TC 14.21: 09:59:59 hh:mm:ss
Max. time: TC 24.21: 99:59:59 hh:mm:ss
1 change-over relay
Repeatability accuracy 100%
Time set accuracy 1 sec.
Output rating 8 A / 230 V AC
Inputs for start and stop (230 V AC)
Start and stop button
Optical and acoustic signal on completion of time
Easy to program and operate
Data security through non-volatile memory
Special functions / models on request




Similar Part No. - TCX421

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TCX471U030J1C CDE-TCX471U030J1C Datasheet
210Kb / 2P
105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
More results


Similar Description - TCX421

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
logo
New Japan Radio
NJW1303 NJRC-NJW1303 Datasheet
83Kb / 6P
SYNCHRONOUS SEPARATOR WITH COUNT DOWN
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
Component count summary
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
BOWIN ELECTRONIC CO.
LSI6014N BOWIN-LSI6014N Datasheet
76Kb / 8P
5 digit count-down timer
logo
List of Unclassifed Man...
FOS008 ETC2-FOS008 Datasheet
408Kb / 2P
High Port Count
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
Low component count
29-Jun-2012
logo
Eaton All Rights Reserv...
EASY500 EATON-EASY500 Datasheet
300Kb / 23P
Control Relays and Timers EASY Intelligent Relays
August 2011
logo
STMicroelectronics
ST7LUS5 STMICROELECTRONICS-ST7LUS5 Datasheet
1Mb / 124P
8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
25-Jul-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com