Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4947 Datasheet (PDF) - Infinite Electronics International, Inc.

SC4947 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC4947
Download  SC4947 Download
File Size   522.76 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 7/16 DIN Male Connector Crimp/Solder Attachment For 0.400 inch, LMR-400, LMR-400-DB, LMR-400-UF Cable

SC4947 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4947 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC4947
Download  SC4947 Click to download

File Size   522.76 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 7/16 DIN Male Connector Crimp/Solder Attachment For 0.400 inch, LMR-400, LMR-400-DB, LMR-400-UF Cable

SC4947 Datasheet (HTML) - Infinite Electronics International, Inc.


SC4947 Product details

Features
• Operating Frequency
• of 6 GHz Max.
• Excellent VSWR of 1.2:1
• Silver Plated Brass Contact
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC4947

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC4941 FAIRVIEW-SC4941 Datasheet
49Kb / 1P
FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM (12.3) 0.48"
REV A
SC4945 FAIRVIEW-SC4945 Datasheet
506Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For 0.240 inch, LMR-240, LMR-240-DB, LMR-240-UF, RG8X, B7808A Cable
REV 2.0
More results


Similar Description - SC4947

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
logo
Winchester Electronics ...
1203-23-9 WINCHESTER-1203-23-9 Datasheet
93Kb / 1P
FOR USE WITH LMR 400 CABLE
logo
Pasternack Enterprises,...
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44538 PASTERNACK-PE44538 Datasheet
216Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com