Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC8854 Datasheet (PDF) - Infinite Electronics International, Inc.

SC8854 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC8854
Download  SC8854 Download
File Size   505.42 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMB Jack PCB Connector Thru Hole Solder Attachment

SC8854 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8854 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC8854
Download  SC8854 Click to download

File Size   505.42 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMB Jack PCB Connector Thru Hole Solder Attachment

SC8854 Datasheet (HTML) - Infinite Electronics International, Inc.


SC8854 Product details

Features
• Operating Frequency
• of 4 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC8854

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8856 FAIRVIEW-SC8856 Datasheet
602Kb / 3P
RA SMB Plug PCB Connector Thru Hole Solder Attachment
REV 2.1
More results


Similar Description - SC8854

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4174 PASTERNACK-PE4174 Datasheet
257Kb / 1P
SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x 067 inch Hole Spacing
PE44126 PASTERNACK-PE44126 Datasheet
252Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44123 PASTERNACK-PE44123 Datasheet
225Kb / 3P
SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44875 PASTERNACK-PE44875 Datasheet
253Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
PE4177 PASTERNACK-PE4177_16 Datasheet
347Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4179 PASTERNACK-PE4179_16 Datasheet
348Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4245 PASTERNACK-PE4245 Datasheet
347Kb / 3P
SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com