Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REAC1251J Datasheet (PDF) - Renesas Technology Corp

REAC1251J Datasheet PDF - Renesas Technology Corp
Part # REAC1251J
Download  REAC1251J Download
File Size   442.22 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Input Offset Voltage VIO≤1mV(@-40˚C to 125˚C) Single Power Supply Dual Operational Amplifiers

REAC1251J Datasheet (PDF)

Go To PDF Page Download Datasheet
REAC1251J Datasheet PDF - Renesas Technology Corp

Part # REAC1251J
Download  REAC1251J Click to download

File Size   442.22 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Input Offset Voltage VIO≤1mV(@-40˚C to 125˚C) Single Power Supply Dual Operational Amplifiers

REAC1251J Datasheet (HTML) - Renesas Technology Corp


REAC1251J Product details

DESCRIPTION
The REAC1251J is a single power and dual operational amplifiers which has features low input offset voltage VIO ≤ ±1mV and low input offset voltage temperature drift in Ta = -40˚C to +125˚C.
The features include low-voltage operation, a common-mode input voltage that range from V− (GND) level, an output from a V− (GND) level that is determined by the output stage of class C push-pull circuit and a 50 μA(TYP.) constant current, and a low current consumption.
In addition to that, this amplifier can also operate in both positive and negative power supply and can be used extensively in various amplifier circuits.

Features
Low input offset voltage ±1mV (Max.) @ Ta:-40˚C to +125˚C
Low input offset voltage temperature drift ±1μV/˚C (Typ.)
Qualified and characterized according to AEC-Q100
The package line-up is MSOP




Similar Part No. - REAC1251J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
More results


Similar Description - REAC1251J

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7051 NJRC-NJU7051 Datasheet
164Kb / 4P
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7061 NJRC-NJU7061 Datasheet
163Kb / 4P
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7071 NJRC-NJU7071 Datasheet
82Kb / 4P
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_06 Datasheet
423Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
June 15, 2006
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
logo
New Japan Radio
NJU7071 NJRC-NJU7071_03 Datasheet
103Kb / 3P
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
logo
Intersil Corporation
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com