Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N20 Datasheet (PDF) - LUMEL S.A.

N20 Datasheet PDF - LUMEL S.A.
Part # N20
Download  N20 Download
File Size   617.86 Kbytes
Page   2 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description digital panel meter

N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
N20 Datasheet PDF - LUMEL S.A.

Part # N20
Download  N20 Click to download

File Size   617.86 Kbytes
Page   2 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description digital panel meter

N20 Datasheet (HTML) - LUMEL S.A.


N20 Product details

• Measurement of voltage or d.c. current and temperature
(Pt100, J, K):
• Three-colour LED display (5 digits, 14 mm high).
• 2 alarm outputs of OC type.
• Galvanic separati on between the supply, measuring inputs
and the programmer input.
• Programmable parameters through the PD14 programmer:
– recounti ng of indicati ons (individual characteristi c),
– two alarms of OC type operati ng in 6 working modes,
– display colour programmable in three intervals,
– thresholds of displayed overfl ows,
– highlight of the unit,
– automati c or manual compensati on: temperature
of cold ends (for J, K) or wire resistance (for Pt100),
– measurement averaging ti me.
• Supply of object transducers.




Similar Part No. - N20

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N200-001-BK TRIPPLITE-N200-001-BK Datasheet
490Kb / 2P
Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 1 ft.
N200-001-BL TRIPPLITE-N200-001-BL Datasheet
506Kb / 2P
Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 1 ft.
N200-001-GN TRIPPLITE-N200-001-GN Datasheet
170Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 1 ft.
N200-001-GY TRIPPLITE-N200-001-GY Datasheet
165Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Gray, 1 ft.
N200-001-RD TRIPPLITE-N200-001-RD Datasheet
170Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Red, 1 ft.
More results


Similar Description - N20

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
3쩍 Digit, LCD Digital Panel Meter with Descriptors
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
4쩍 Digit Differential LED Digital Panel Meter
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
3-1/2 Digit Miniature Digital Panel Meter
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
Digital Panel Meter
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
Multifunctional Digital Panel Meter and Counter Display
logo
Murata Power Solutions ...
DM-3100B MURATA-PS-DM-3100B Datasheet
268Kb / 5P
AC-Powered, 3쩍 Digit LED Digital Panel Meter
logo
Omron Electronics LLC
K3GN OMRON-K3GN Datasheet
901Kb / 22P
1/32 DIN Digital Panel Meter
logo
FOTEK CONTROLS CO., LTD...
AMA-24T-MV-RS-24V FOTEK-AMA-24T-MV-RS-24V Datasheet
643Kb / 2P
Digital meter
DA-24R-MV-24V FOTEK-DA-24R-MV-24V Datasheet
494Kb / 2P
Digital Meter
logo
List of Unclassifed Man...
SX-4001A ETC-SX-4001A Datasheet
888Kb / 1P
Ultra-small ultra-thin DC measuting digital panel meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com