Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1411MP8 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1411MP8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1411MP8
Download  DIO1411MP8 Download
File Size   931.11 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SMBus Interface

DIO1411MP8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1411MP8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411MP8
Download  DIO1411MP8 Click to download

File Size   931.11 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description SMBus Interface

DIO1411MP8 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1411MP8 Product details

 Features
 Wide supply voltage range: 3.0 V to 3.6 V
 Inaccuracy:
− ±1°C (Max.) from 20°C to 110°C
− ±2°C (Max.) from -40°C to 125°C
 12-bit resolution: 0.0625°C
 Programmable High Limit and Low Limit (
_____
ALERT
pin)
 Programmable SMBus (or I2C) address:
 Selectable by
______
THERM/ADDR pull-up resistance
 (6 Addresses)
 Operating temperature range: -40°C to 125°C
 Applications
 Industrial
 Server
 Cell phones
 Battery management
 Office machines
 Thermostat controls
 Environmental monitoring and HVAC
 Description
The DIO1411 is high-precision sensor chip for
temperature monitoring in computer, server, and
industrial applications. The on-chip 12-bit
analog-to-digital converter (ADC) offers resolutions
down to 0.0625°C. The device offers a typical
inaccuracy of ±0.25°C without external component
signal conditioning.
The DIO1411 is compatible with the System
Management Bus (SMBus) and Inter-Integrated
Circuit (I2C) communication protocol. The DIO1411
can change the SMbus (or I2C) address by the
r_e_s_is_t_a_nce of different pull-up resistors on
THERM/ADDR pin.
The DIO1411 can operate at ambient temperatures
from -40°C to 125°C and have programmable alarm
function.




Similar Part No. - DIO1411MP8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1412 DIOO-DIO1412 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412ACN8 DIOO-DIO1412ACN8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412ALP8 DIOO-DIO1412ALP8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412AMP8 DIOO-DIO1412AMP8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412CMP8 DIOO-DIO1412CMP8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
More results


Similar Description - DIO1411MP8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556 Datasheet
111Kb / 12P
Octal SMBus Registered Interface
1998 Dec 18
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
Gas Gauge IC with SMBus Interface
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
Gas Gauge IC With SMBus Interface
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
logo
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
Texas Instruments
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
Gas Gauge IC With SMBus Interface
logo
STMicroelectronics
L6718 STMICROELECTRONICS-L6718 Datasheet
2Mb / 71P
SMBus interface for power management
19-Apr-2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com