Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2561 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2561 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2561
Download  DIO2561 Download
File Size   760.72 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Definition Video Filter

DIO2561 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2561 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2561
Download  DIO2561 Click to download

File Size   760.72 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Definition Video Filter

DIO2561 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2561 Product details

Features
 One-ch 6th-order 11 MHz SD filters
 6 dB output driver gain and
drive dual video load
 Transparent input clamping
 AC or DC coupled inputs
 AC or DC coupled outputs
 Operates from 3.135 to 5.5 V
single power supply
 Low power (8 mA/channel)
 RoHS or Green
 SOIC-8 and SC70-5 packages
 ±8 kV ESD protection
Applications
 DVD players
 Video amplifiers
 Cable set-top boxes
 Personal video recorders
 Communications devices
 Video on demand
Descriptions
The DIO2561 is a low voltage, one channel video
amplifier with integrated reconstruction filter and
input clamps. The DIO2561 provides improved
image quality compared with passive LC filters and
discrete drivers solution, especially suited for
standard definition video signals, such as
television and set-top box applications.
The DIO2561 can be directly driven by a
DC-coupled DAC output or an AC-coupled signal.
Internal diode-like clamps and bias circuitry may
be used if AC-coupled inputs are required. The
output in the DIO2561 can also drive AC or DC
coupled single (150 Ω) or dual (75 Ω) loads. The DC
coupling capacitors can be removed.




Similar Part No. - DIO2561

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2514 DIOO-DIO2514 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2514CST6 DIOO-DIO2514CST6 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2554G DIOO-DIO2554G Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCM10 DIOO-DIO2554GCM10 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCT14 DIOO-DIO2554GCT14 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
More results


Similar Description - DIO2561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
logo
Maxim Integrated Produc...
MAX11504 MAXIM-MAX11504 Datasheet
236Kb / 12P
Four-Channel, Standard-Definition Video Filter
Rev 0; 11/07
logo
SG Micro Corp
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
5th-Order, Standard Definition Video Filter Driver
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
Definition Video Filter Driver
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
Definition Video Filter Driver
logo
Analog Devices
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
Standard Definition Video Filter Driver
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501EVKIT MAXIM-MAX11501EVKIT Datasheet
141Kb / 7P
Standard-Definition Television Video Filter
Rev 0; 9/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com