Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

197 Datasheet (PDF) - Permco, Inc.

197 Datasheet PDF - Permco, Inc.
Part # 197
Download  197 Download
File Size   2604.62 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Sleeve Bushing Pumps

197 Datasheet (PDF)

Go To PDF Page Download Datasheet
197 Datasheet PDF - Permco, Inc.

Part # 197
Download  197 Click to download

File Size   2604.62 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Sleeve Bushing Pumps

197 Datasheet (HTML) - Permco, Inc.


197 Product details

• Heavy duty sleeve bushing design in a
medium/small frame size
• Working pressure up to 4000 PSI
• Cubic inch displacements from 0.99
through 3.94
• Speeds up to 2400 RPM
• Flows up to 40 GPM
• Doweled and high strength cast iron
construction
• High strength alloy steel gear and shaft
sets
• NPT & SAE ports are available
• Pressure balanced wear plates maintain
high pump efficiency throughout all
operating ranges
• Both single inlet/single outlets and single
inlet/dual outlet bearing carriers
• 100% factory tested
Features




Similar Part No. - 197

ManufacturerPart #DatasheetDescription
logo
Littelfuse
197 LITTELFUSE-197 Datasheet
59Kb / 2P
MINIATURE FUSES - 5x20mm
logo
Honeywell Solid State E...
197 HONEYWELL-197 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
197 ETC2-197 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Keystone Electronics Co...
197 KEYSTONE-197 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
Altech corporation
197-049 ALTECH-197-049 Datasheet
906Kb / 26P
TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
More results


Similar Description - 197

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
Miniature diaphragm pumps
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
Bushing - Punch
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
brass bushing
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
brass bushing
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
Bushing - Punch
08/25/2022
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com