Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUMPPUMP Datasheet (PDF) - Permco, Inc.

DUMPPUMP Datasheet PDF - Permco, Inc.
Part # DUMPPUMP
Download  DUMPPUMP Download
File Size   2592.73 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Trucks & Trailers

DUMPPUMP Datasheet (PDF)

Go To PDF Page Download Datasheet
DUMPPUMP Datasheet PDF - Permco, Inc.

Part # DUMPPUMP
Download  DUMPPUMP Click to download

File Size   2592.73 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Trucks & Trailers

DUMPPUMP Datasheet (HTML) - Permco, Inc.


DUMPPUMP Product details

• Pump and cylinder protected in the “Raise”
and “Neutral” position of the spool
• Manual shift, factory installed “OE” air, or
“Add-on” air shifts each with full metering
capabilities
• Built-in load check maintains dump body
angle and is installed in the cylinder port
for superior self-cleaning
• NPT & SAE ports are available
• Built-in direct acting relief valve set at
factory
• 100% factory tested
• Flows of 37 and 46 GPM at 1800 RPM
• Pressures to 2500 PSI
• Speeds to 2400 RPM
• High strength alloy steel gear and shaft
set
• Neutral lock-out safety cap for use with
pull-out cable
• 2 line for intermittent duty or 3 line for
continuous duty systems
• 2 extra long studs for easy installation
of pump support bracket on direct
mount
• Pressure balanced wear plates maintain
high pump efficiency throughout all
operating ranges
• DIN mount and shaft available




Similar Part No. - DUMPPUMP

ManufacturerPart #DatasheetDescription
logo
Permco, Inc.
DUMPPUMPS PERMCO-DUMPPUMPS Datasheet
4Mb / 4P
Trucks & Trailers
Rev3_5-26
More results


Similar Description - DUMPPUMP

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
1626-1 ETAL-1626-1 Datasheet
231Kb / 2P
Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
logo
3M Electronics
983 3M-983 Datasheet
145Kb / 6P
3M Diamond Grade Conspicuity Markings Series 983 for Trucks and Trailers
Apr-2018
logo
Tripp Lite. All Rights ...
PV3000HF TRIPPLITE-PV3000HF Datasheet
167Kb / 3P
3000W PowerVerter Compact Inverter for Trucks with 4 Outlets
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com