Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M124 Datasheet (PDF) - Permco, Inc.

M124 Datasheet PDF - Permco, Inc.
Part # M124
Download  M124 Download
File Size   1448.51 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description SLEEVE BUSHING MOTORS

M124 Datasheet (PDF)

Go To PDF Page Download Datasheet
M124 Datasheet PDF - Permco, Inc.

Part # M124
Download  M124 Click to download

File Size   1448.51 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description SLEEVE BUSHING MOTORS

M124 Datasheet (HTML) - Permco, Inc.


M124 Product details

FEATURES
Heavy duty sleeve bushing design in a small frame size
Cubic inch displacement from 0.62 through 2.48
Working pressure up to 3500 PSI
Speeds up to 3000 RPM
Torque up to 950 in-lbs
Doweled and high strength cast iron construction
100% factory tested
High strength alloy steel gear and shaft sets
Available as a fan drive motor
A wide range of porting, mounting and shaft options available
Pressure balanced wear plates maintain high pump efficiency throughout all operating ranges
Available in single or tandem units




Similar Part No. - M124

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M1241 ALPHAWIRE-M1241 Datasheet
391Kb / 4P
18 (19/30) AWG Silver Plated Copper
M1242 ALPHAWIRE-M1242 Datasheet
392Kb / 4P
18 (19/30) AWG Silver Plated Copper
M1243 ALPHAWIRE-M1243 Datasheet
406Kb / 4P
18 (19/30) AWG Silver Plated Copper
M1244 ALPHAWIRE-M1244 Datasheet
392Kb / 4P
18 (19/30) AWG Silver Plated Copper
logo
Infinite Electronics In...
M124A-MF L-COM-M124A-MF Datasheet
67Kb / 1P
ADAPTOR M12 MALE 4P / M12 FEMALE 4P
03/31/17
More results


Similar Description - M124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MP3P4 ETC2-561-MP3P4 Datasheet
175Kb / 1P
Strain Relief Bushing
logo
Glenair, Inc.
M28840-22-S10 GLENAIR-M28840-22-S10 Datasheet
75Kb / 1P
Metal Conduit Bushing
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
Bushing - Punch
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
brass bushing
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
brass bushing
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
Bushing - Punch
08/25/2022
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com