Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P124 Datasheet (PDF) - Permco, Inc.

P124 Datasheet PDF - Permco, Inc.
Part # P124
Download  P124 Download
File Size   172.19 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description SMALL BUSHING

P124 Datasheet (PDF)

Go To PDF Page Download Datasheet
P124 Datasheet PDF - Permco, Inc.

Part # P124
Download  P124 Click to download

File Size   172.19 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description SMALL BUSHING

P124 Datasheet (HTML) - Permco, Inc.


P124 Product details

Primary fl ow available from 1 to 12 GPM (3.78 to 45.42 liter)
Relief valve available for primary circuit up to 3300 PSI (228 Bar, 28 Mpa)
Secondary fl ow can be pressurized and used for downstrean machine function or returned
back to tank
High strength steel alloy gear and shaft set
Special pressure balanced wear plates maintain high effi ciency throughout all operating
ranges
Doweled and high strength cast iron construction
A wide range of porting, mounting, and shaft options available
Cubic inch displacements from 0.62 through 2.48 (10.1 through 40.63 cc)
Working pressure up to 3500 PSI (241 Bar, 24 Mpa)
Speeds up to 3000 RPM
100% factory tested per applicaton specifi cations




Similar Part No. - P124

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P124 POLYFET-P124 Datasheet
33Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
International Rectifier
P124 IRF-P124 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P124 IRF-P124 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Connor-Winfield Corpora...
P124 CONNOR-WINFIELD-P124 Datasheet
214Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
logo
Vishay Siliconix
P124 VISHAY-P124 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
More results


Similar Description - P124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MP3P4 ETC2-561-MP3P4 Datasheet
175Kb / 1P
Strain Relief Bushing
logo
Glenair, Inc.
M28840-22-S10 GLENAIR-M28840-22-S10 Datasheet
75Kb / 1P
Metal Conduit Bushing
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
Bushing - Punch
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
brass bushing
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
brass bushing
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
Bushing - Punch
08/25/2022
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com