Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22017-001 Datasheet (PDF) - Omnetics Connector Corp.

A22017-001 Datasheet PDF - Omnetics Connector Corp.
Part # A22017-001
Download  A22017-001 Download
File Size   74.64 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description PIN MALE MICRO CIRCULAR CONNECTOR

A22017-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
A22017-001 Datasheet PDF - Omnetics Connector Corp.

Part # A22017-001
Download  A22017-001 Click to download

File Size   74.64 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description PIN MALE MICRO CIRCULAR CONNECTOR

A22017-001 Datasheet (HTML) - Omnetics Connector Corp.


A22017-001 Product details

MATERIALS & SPECIFICATIONS
INSULATOR:
LIQUID CRYSTAL POLYMER (LCP) PER ASTM D5138.
CONTACT:
BERYLLIUM COPPER PER ASTM B194, C17200. GOLD
PLATED PER ASTM B488, (HARD GOLD) TYPE II CODE
C CLASS 1.27.
TERMINATION:
BERYLLIUM COPPER PER ASTM B194, C17200. MATTE
SOLDER PLATE .0001-.0002 THICK PER AMS-P-
81728.
CURRENT CAPACITY:
3 AMP MAX.
CONTACT RESISTANCE:
26 MILLIOHMS (65mV) MAX @ 2.5 AMPS.
PERFORMANCE:
PRODUCT FAMILY TESTED TO AND PASSED THE
PERFORMANCE SPECIFICATIONS OF TABLE VII OF MILDTL-
83513.




Similar Part No. - A22017-001

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A2201 OMRON-A2201 Datasheet
6Mb / 30P
G5RL-1A-E-HR-DC24
logo
Omnetics Connector Corp...
A22012-001 OMNETICS-A22012-001 Datasheet
110Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
08-29-12
A22013-001 OMNETICS-A22013-001 Datasheet
110Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR
05-18-12
A22014-001 OMNETICS-A22014-001 Datasheet
68Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR
05-06-10
A22015-001 OMNETICS-A22015-001 Datasheet
64Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
01-30-18
More results


Similar Description - A22017-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWKQ2L6-7S-4K1 GLENAIR-MWKQ2L6-7S-4K1 Datasheet
227Kb / 3P
MWKQ Micro Circular Quick Disconnect
237-263 GLENAIR-237-263 Datasheet
315Kb / 2P
Special Micro Circular Quick Disconnect Receptacle
logo
CUI INC
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
SDS-80J-SMT CUI-SDS-80J-SMT Datasheet
291Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 8 PIN
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
Small Circular Connector
logo
Molex Electronics Ltd.
1065031200 MOLEX11-1065031200 Datasheet
35Kb / 1P
Circular MT Connector MT Ferrule, 50/125 Micro Meter Fiber Core
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
Standard Circular Connector
logo
Ulti-Mate Connector Inc
SD-811031000 ULTI-MATE-SD-811031000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 5 Pin No Hardware Plastic Shell 125 Max Temp No QPL
02-13-13
SD-811071000 ULTI-MATE-SD-811071000 Datasheet
44Kb / 1P
Micro Circular Solder Cup 9 Pin No Hardware Plastic Shell 125 Max Temp No QPL
08-28-19
SD-811081000 ULTI-MATE-SD-811081000 Datasheet
45Kb / 1P
Micro Circular Solder Cup 16 Pin No Hardware Plastic Shell 125 Max Temp No QPL
05-13-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com