Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG913Y Datasheet (PDF) - Infinite Electronics International, Inc.

HG913Y Datasheet PDF - Infinite Electronics International, Inc.
Part # HG913Y
Download  HG913Y Download
File Size   110.82 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems

HG913Y Datasheet (PDF)

Go To PDF Page Download Datasheet
HG913Y Datasheet PDF - Infinite Electronics International, Inc.

Part # HG913Y
Download  HG913Y Click to download

File Size   110.82 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems

HG913Y Datasheet (HTML) - Infinite Electronics International, Inc.


HG913Y Product details

Applications:  900MHz ISM Band
 Wireless LAN systems
 Point to multipoint applications
 Non Line of Sight (NLOS)
 GSM
 RFID
 SCADA
 Wireless Video Links
 900MHz Cellular

Features:  Superior performance
 Heavy duty steel construction
 All weather operation
 Heavy-duty 1/2" stainless steel boom
 Solid 1/8" elements
 18 inch coax lead
 Can be installed for either vertical or
horizontal polarization
 1/8" thick plated steel mounting plate
 RoHS Compliant




Similar Part No. - HG913Y

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG913Y L-COM-HG913Y Datasheet
110Kb / 2P
HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
HG913Y L-COM-HG913Y Datasheet
110Kb / 2P
HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
HG913Y L-COM-HG913Y Datasheet
105Kb / 2P
HyperLink Wireless brand 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
04/14/2021
HG913Y-NF L-COM-HG913Y-NF Datasheet
105Kb / 2P
HyperLink Wireless brand 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
04/14/2021
HG913Y-NM L-COM-HG913Y-NM Datasheet
110Kb / 2P
HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
More results


Similar Description - HG913Y

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
logo
List of Unclassifed Man...
88980160 ETC2-88980160 Datasheet
618Kb / 3P
Wireless network antennas
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB352ED TAI-SAW-TB352ED Datasheet
967Kb / 5P
SAW Filter 352 MHz for Wireless LAN
logo
PHOENIX CONTACT
2902277 PHOENIX-2902277 Datasheet
68Kb / 4P
Wireless module - RAD-ISM-900-DATA-BD-PLUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com