Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG914Y Datasheet (PDF) - Infinite Electronics International, Inc.

HG914Y Datasheet PDF - Infinite Electronics International, Inc.
Part # HG914Y
Download  HG914Y Download
File Size   115.87 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems

HG914Y Datasheet (PDF)

Go To PDF Page Download Datasheet
HG914Y Datasheet PDF - Infinite Electronics International, Inc.

Part # HG914Y
Download  HG914Y Click to download

File Size   115.87 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems

HG914Y Datasheet (HTML) - Infinite Electronics International, Inc.


HG914Y Product details

Applications:  900MHz ISM Band
 Wireless LAN systems
 Point to multipoint applications
 Non Line of Sight (NLOS)
 GSM
 RFID
 SCADA
 Wireless Video Links
 900MHz Cellular

Features:  Superior performance
 30° beam-width
 Heavy-duty 3/4" aluminum boom
 Solid 3/8" aluminum elements
 Solid 1/4" aluminum mounting
plate
 12 inch coax lead
 Includes mount kit




Similar Part No. - HG914Y

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG914Y L-COM-HG914Y Datasheet
115Kb / 2P
HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems
HG914Y L-COM-HG914Y Datasheet
115Kb / 2P
HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems
HG914Y-NF L-COM-HG914Y-NF Datasheet
115Kb / 2P
HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems
HG914Y-RSP L-COM-HG914Y-RSP Datasheet
115Kb / 2P
HyperLink Wireless 900 MHz 14 dBi High Performance Yagi Antenna for ISM, GSM and Wireless LAN Systems
HG914YE-NF L-COM-HG914YE-NF Datasheet
97Kb / 1P
ANT, YAGI 824-960MHz 14dBi
03/29/2010
More results


Similar Description - HG914Y

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
logo
PHOENIX CONTACT
2867814 PHOENIX-2867814 Datasheet
93Kb / 3P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-N
2867827 PHOENIX-2867827 Datasheet
51Kb / 2P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-25-AS
5606654 PHOENIX-5606654 Datasheet
50Kb / 2P
Antenna - RAD-ISM- 900-ANT-YAGI-6.5-N-SL
5606614 PHOENIX-5606614 Datasheet
349Kb / 6P
Antenna - RAD-ISM-900-ANT-YAGI-10-N
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com