Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CSM228695R0812 Datasheet (PDF) - ABB

2CSM228695R0812 Datasheet PDF - ABB
Part # 2CSM228695R0812
Download  2CSM228695R0812 Download
File Size   781.79 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description TS24/8-12-24 Non-inherently short-circuit proof bell transformer

2CSM228695R0812 Datasheet (PDF)

Go To PDF Page Download Datasheet
2CSM228695R0812 Datasheet PDF - ABB

Part # 2CSM228695R0812
Download  2CSM228695R0812 Click to download

File Size   781.79 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description TS24/8-12-24 Non-inherently short-circuit proof bell transformer

2CSM228695R0812 Datasheet (HTML) - ABB


2CSM228695R0812 Product details

Extended Product Type: TS24/8-12-24
Product ID: 2CSM228695R0812
EAN: 8012542286950
Catalog Description: TS24/8-12-24 Non-inherently short-circuit proof bell transformer
Long Description: These transformers with secondary in very low safety voltage for
feeding bells are available in 3 series: non-inherently short-circuit
proof (TS8), non-inherently short-circuit proof with switch
(TS8/SW), non-inherently short-circuit proof (TS16/TS24).
General Information




Similar Part No. - 2CSM228695R0812

ManufacturerPart #DatasheetDescription
logo
ABB
2CSM228615R0812 ABB-2CSM228615R0812 Datasheet
779Kb / 5P
TS16/24 Non-inherently short-circuit proof bell transformer
11/29/2019
2CSM228625R0812 ABB-2CSM228625R0812 Datasheet
781Kb / 5P
TS16/4-8-12 Non-inherently short-circuit proof bell transformer
11/29/2019
2CSM228635R0812 ABB-2CSM228635R0812 Datasheet
779Kb / 5P
TS16/12 Non-inherently short-circuit proof bell transformer
11/29/2019
2CSM228645R0812 ABB-2CSM228645R0812 Datasheet
779Kb / 5P
TS16/8 Non-inherently short-circuit proof bell transformer
11/29/2019
2CSM228655R0812 ABB-2CSM228655R0812 Datasheet
781Kb / 5P
TS16/4-6-8 Non-inherently short-circuit proof bell transformer
11/29/2019
More results


Similar Description - 2CSM228695R0812

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
Inherently non-inductive
logo
PHOENIX CONTACT
EMG10-OE-120AC PHOENIX-EMG10-OE-120AC Datasheet
93Kb / 5P
EMG-17-OV, short-circuit-proof with indicator LED
EMG12-OV-12DC PHOENIX-EMG12-OV-12DC Datasheet
70Kb / 4P
EMG-17-OV, short-circuit-proof with indicator LED
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
Short-circuit, surge, and overload-proof output
logo
Bel Fuse Inc.
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com