Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC4953AM Datasheet (PDF) - Semtron Microtech Corporation

SMC4953AM Datasheet PDF - Semtron Microtech Corporation
Part # SMC4953AM
Download  SMC4953AM Download
File Size   634.67 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Dual P-Channel MOSFET

SMC4953AM Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC4953AM Datasheet PDF - Semtron Microtech Corporation

Part # SMC4953AM
Download  SMC4953AM Click to download

File Size   634.67 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Dual P-Channel MOSFET

SMC4953AM Datasheet (HTML) - Semtron Microtech Corporation


SMC4953AM Product details

■DESCRIPTION
SMC4953A is the Dual P-Channel enhancement mode power field effect transistors are using trench DMOS technology.This advanced technology has been especially tailored to minimize on-state resistance.This device is ideal for load switch applications.
■FEATURES
VDS = -30V, ID = -5A
RDS(ON)=46mΩ(Typ.)@VGS=-10V
RDS(ON)=65mΩ(Typ.)@VGS=-4.5V
◆Fast switch
◆High power and current handling capability
■APPLICATIONS
◆DC-DC Power System
◆Load Switch




Similar Part No. - SMC4953AM

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMC490 ROITHNER-SMC490 Datasheet
691Kb / 4P
blue led
logo
Semtron Microtech Corpo...
SMC4923M SEMTRON-SMC4923M Datasheet
580Kb / 5P
Dual P-Channel MOSFET
Rev.A3
SMC4931M SEMTRON-SMC4931M Datasheet
574Kb / 5P
Dual P-Channel MOSFET
Rev.A3.1
More results


Similar Description - SMC4953AM

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
Dual P-channel MOSFET
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
logo
ELM Electronics
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
Dual P-channel MOSFET
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
Dual P-Channel MOSFET
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com