Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN3404 Datasheet (PDF) - Semtron Microtech Corporation

STN3404 Datasheet PDF - Semtron Microtech Corporation
Part # STN3404
Download  STN3404 Download
File Size   379.29 Kbytes
Page   6 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description 30V N-Channel Enhancement Mode MOSFET

STN3404 Datasheet (PDF)

Go To PDF Page Download Datasheet
STN3404 Datasheet PDF - Semtron Microtech Corporation

Part # STN3404
Download  STN3404 Click to download

File Size   379.29 Kbytes
Page   6 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description 30V N-Channel Enhancement Mode MOSFET

STN3404 Datasheet (HTML) - Semtron Microtech Corporation


STN3404 Product details

■DESCRIPTION
The STN3404 is the N-Channel logic enhancement
mode power field effect transistor is produced using
high cell density. advanced trench technology to
provide excellent
This device is suitable for use as a load switch or in
PWM applications.
■FEATURE
 30V/6.0A, RDS(ON) =18mΩ(typ.)@VGS =10V
 30V/4.8A, RDS(ON) =25mΩ(typ.)@VGS =4.5V
 Super high density cell design for extremely low
RDS(ON)
 Exceptional on-resistance and Maximum DC
current capability
■APPLICATIONS
 Power Management in Note book
 Portable Equipment
 DC/DC Converter




Similar Part No. - STN3404

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STN3400 VBSEMI-STN3400 Datasheet
493Kb / 9P
N-Channel 30-V (D-S) MOSFET
STN3400A VBSEMI-STN3400A Datasheet
493Kb / 9P
N-Channel 30-V (D-S) MOSFET
STN3400AS-TRG VBSEMI-STN3400AS-TRG Datasheet
493Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Semtron Microtech Corpo...
STN3400S SEMTRON-STN3400S Datasheet
549Kb / 5P
Single N-Channel MOSFET
Rev.A3
logo
VBsemi Electronics Co.,...
STN3400S-TRG VBSEMI-STN3400S-TRG Datasheet
493Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - STN3404

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com