Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4407A Datasheet (PDF) - Semtron Microtech Corporation

STP4407A Datasheet PDF - Semtron Microtech Corporation
Part # STP4407A
Download  STP4407A Download
File Size   383.41 Kbytes
Page   6 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description -30V P-Channel Fast Switching MOSFETs

STP4407A Datasheet (PDF)

Go To PDF Page Download Datasheet
STP4407A Datasheet PDF - Semtron Microtech Corporation

Part # STP4407A
Download  STP4407A Click to download

File Size   383.41 Kbytes
Page   6 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description -30V P-Channel Fast Switching MOSFETs

STP4407A Datasheet (HTML) - Semtron Microtech Corporation


STP4407A Product details

■DESCRIPTION
The STP4407A is the P-Channel logic
enhancement mode power field effect transistor is
produced using high cell density. advanced trench
technology to provide excellent RDS(ON).
This device is suitable for use as a load switch or in
PWM and gate charge for most of the synchronous
buck converter applications.
■FEATURE
 -30V/-14A, RDS(ON) =8.2mΩ(typ.)@VGS = -20V
 -30V/-12A, RDS(ON) =9.2mΩ(typ.)@VGS = -10V
 -30V/-10A, RDS(ON) =10.8mΩ(typ.)@VGS = -6V
 -30V/-7.0A, RDS(ON) =12.5mΩ(typ.)@VGS = -4.5V

 Super high density cell design for extremely low
RDS(ON)
 Exceptional on-resistance and Maximum DC
current capability
■APPLICATIONS
 Power Management in Note book
 High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/GA
 Networking DC-DC Power System
 Load Switch




Similar Part No. - STP4407A

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP4407A DOINGTER-STP4407A Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP4407A VBSEMI-STP4407A Datasheet
898Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - STP4407A

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA3031 FETEK-FKBA3031 Datasheet
687Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
P-Ch 30V Fast Switching MOSFETs
Ver : B
FKD3115 FETEK-FKD3115 Datasheet
496Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com