Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6920H Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6920H Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6920H
Download  DIO6920H Download
File Size   1236.31 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter

DIO6920H Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6920H Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6920H
Download  DIO6920H Click to download

File Size   1236.31 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter

DIO6920H Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6920H Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
120 mΩ / 75 mΩ, 2.0 A
 4.5 ~ 24 V input voltage range
 High-efficiency synchronous-mode
 Internal soft start limits the inrush current
 Over current protection
 Thermal shutdown
 Green package:
TSOT23-6 is pin compatible.
Applications
 Portable navigation device
 Set top box
 Portable TV
 LCD TV
Descriptions
The DIO6920H is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 2 A output currents.
The DIO6920H family operate over a wide input
voltage range from 4.5 V to 24 V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
The DIO6920H adopts COT architecture to achieve
fast transient responses for high step down
applications and high efficiency at light loads. In
addition, it operates at pseudo-constant
frequency of 500 kHz under heavy load conditions
to minimize the size of inductor and capacitor.




Similar Part No. - DIO6920H

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6920 DIOO-DIO6920 Datasheet
662Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.7
DIO69201 DIOO-DIO69201 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69201TST6 DIOO-DIO69201TST6 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69209 DIOO-DIO69209 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
DIO69209TST6 DIOO-DIO69209TST6 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
More results


Similar Description - DIO6920H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com