Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6922 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6922 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6922
Download  DIO6922 Download
File Size   615.22 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2A Continuous, 2.5A Peak,24V Input Synchronous Step Down Converter

DIO6922 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6922 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6922
Download  DIO6922 Click to download

File Size   615.22 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2A Continuous, 2.5A Peak,24V Input Synchronous Step Down Converter

DIO6922 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6922 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
130mΩ/90mΩ, 2.0A DC current
 4.5-24V input voltage range
 High-Efficiency Synchronous-Mode
 Internal soft start limits the inrush current
 Over Current protection
 Thermal shutdown
 Green package:
DFN2*2-6 is pin compatible.
Applications
 Portable Navigation Device
 Set Top Box
 Portable TV
 LCD TV
Descriptions
The DIO6922 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 2A continuous output
currents. The DIO6922 family operate over a wide
input voltage range from 4.5V to 24V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
DIO6922 adopts the COT architecture to achieve
fast transient responses for high step down
applications and high efficiency at light loads. In
addition, it operates at pseudo-constant frequency
of 500kHz under heavy load conditions to
minimize the size of inductor and capacitor.




Similar Part No. - DIO6922

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6920 DIOO-DIO6920 Datasheet
662Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.7
DIO69201 DIOO-DIO69201 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69201TST6 DIOO-DIO69201TST6 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69209 DIOO-DIO69209 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
DIO69209TST6 DIOO-DIO69209TST6 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
More results


Similar Description - DIO6922

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2314 MPS-MPQ2314 Datasheet
842Kb / 21P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
MP2314 MPS-MP2314 Datasheet
738Kb / 18P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
9/17/2014 Rev. 1.02
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2324 MPS-MP2324 Datasheet
1Mb / 17P
High Efficiency 2A, 24V, 500kHz Synchronous Step-Down Converter
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com