Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6971 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6971 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6971
Download  DIO6971 Download
File Size   688.97 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 3A, 24V Input Synchronous Step Down Converter

DIO6971 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6971 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6971
Download  DIO6971 Click to download

File Size   688.97 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 3A, 24V Input Synchronous Step Down Converter

DIO6971 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6971 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
80mΩ/40mΩ, 3.0A
 4.5-24V input voltage range
 High-Efficiency Synchronous-Mode
 Internal soft start limits the inrush current
 Over Current protection
 Thermal shutdown
 Available in TSOT23-6 packages
Applications
 Portable Navigation Device
 Set Top Box
 Portable TV
 LCD TV
Descriptions
The DIO6971 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 3A output currents.
The DIO6971 family operate over a wide input
voltage range from 4.5V to 24V and integrate main
switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss.
The COT architecture with Pseudo fixed switching
frequency operation provides fast transient
response and eases loop stabilization. Protection
features include over-current protection and
thermal shutdown.
The DIO6971 requires a minimal number of
readily-available, standard, external components
and is available in a space-saving TSOT23-6
package.




Similar Part No. - DIO6971

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6970 DIOO-DIO6970 Datasheet
631Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.1
DIO6970TST6 DIOO-DIO6970TST6 Datasheet
631Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.1
More results


Similar Description - DIO6971

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MPQ2325 MPS-MPQ2325 Datasheet
1Mb / 17P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315 MPS-MP2315 Datasheet
657Kb / 18P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com