Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG9010DPU Datasheet (PDF) - Infinite Electronics International, Inc.

HG9010DPU Datasheet PDF - Infinite Electronics International, Inc.
Part # HG9010DPU
Download  HG9010DPU Download
File Size   682.17 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 800/900 MHz 10 dBi Dual Slant Polarization Omni antenna N-female

HG9010DPU Datasheet (PDF)

Go To PDF Page Download Datasheet
HG9010DPU Datasheet PDF - Infinite Electronics International, Inc.

Part # HG9010DPU
Download  HG9010DPU Click to download

File Size   682.17 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 800/900 MHz 10 dBi Dual Slant Polarization Omni antenna N-female

HG9010DPU Datasheet (HTML) - Infinite Electronics International, Inc.


HG9010DPU Product details

Features
• High gain (10 dBi) 900 MHz dual port omni
• Dual slant polarization (±45°)
• Heavy duty steel mounting bracket
• 1 degree electrical down tilt
• Integral N-female connectors.

Applications
• WLAN, LPLAN, SCADA, IoT, M2M, cellular, MIMO
• Oudoor installations
• Point-to-multipoint




Similar Part No. - HG9010DPU

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG9012DP-120 L-COM-HG9012DP-120 Datasheet
85Kb / 1P
ANTPANEL 900MHz 12.5dBi 120DEG DUAL SLANT POLARIZED N-FEMALE CON
01/22/2019
More results


Similar Description - HG9010DPU

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51039 PASTERNACK-PE51039 Datasheet
66Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 10 dBi
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1040 PASTERNACK-PE51OM1040 Datasheet
366Kb / 4P
7 dBi Omni Antenna 617-3,800 MHz N Type Female Connector
REV 1
PE51OM1041 PASTERNACK-PE51OM1041 Datasheet
511Kb / 3P
6 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com