Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG908U-PRO Datasheet (PDF) - Infinite Electronics International, Inc.

HG908U-PRO Datasheet PDF - Infinite Electronics International, Inc.
Part # HG908U-PRO
Download  HG908U-PRO Download
File Size   117.15 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 8 dBi Professional High Performance Omni Antenna

HG908U-PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
HG908U-PRO Datasheet PDF - Infinite Electronics International, Inc.

Part # HG908U-PRO
Download  HG908U-PRO Click to download

File Size   117.15 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 8 dBi Professional High Performance Omni Antenna

HG908U-PRO Datasheet (HTML) - Infinite Electronics International, Inc.


HG908U-PRO Product details

Applications
• 900 MHz ISM band
• 900 MHz wireless video
• Point to multi-point and Non Line Of Sight (NLOS) applications
• GSM, SCADA applications
• 900 MHz cellular band

Features
• Rugged industrial grade design
• Lightweight fiberglass radome
• All weather operation
• Integral N-Female connector
• Includes heavy duty steel mast mounting brackets




Similar Part No. - HG908U-PRO

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG908UP-NF L-COM-HG908UP-NF Datasheet
758Kb / 4P
900 MHz UP-series Omni-directional Antennas
HG908UP-NF L-COM-HG908UP-NF Datasheet
758Kb / 4P
900 MHz UP-series Omni-directional Antennas
More results


Similar Description - HG908U-PRO

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51121 PASTERNACK-PE51121 Datasheet
134Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51122 PASTERNACK-PE51122 Datasheet
414Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51123 PASTERNACK-PE51123 Datasheet
371Kb / 1P
High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51124 PASTERNACK-PE51124 Datasheet
382Kb / 1P
High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
PE51128 PASTERNACK-PE51128 Datasheet
70Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 6 dBi
logo
List of Unclassifed Man...
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com