Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2458-10DP Datasheet (PDF) - Infinite Electronics International, Inc.

HG2458-10DP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2458-10DP
Download  HG2458-10DP Download
File Size   363.6 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless Brand 2.4/5.8 GHz 10 dBi Dual Polarized Mini Panel Antenna

HG2458-10DP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2458-10DP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2458-10DP
Download  HG2458-10DP Click to download

File Size   363.6 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless Brand 2.4/5.8 GHz 10 dBi Dual Polarized Mini Panel Antenna

HG2458-10DP Datasheet (HTML) - Infinite Electronics International, Inc.


HG2458-10DP Product details

Applications
• 2.4/5.8 GHz ISM band applications
• IEEE 802.11a/b/g/n Wireless LAN
• IEEE 802.11ac Wireless systems
• WiFi and public wireless hotspots
• MIMO applications
Features
• Compact size, 4 x 4 x 3.5 in.
• Durable UV-stable ABS radome
• All weather operations
• Dual polarity feed system in single enclosure
• MIMO – Multiple Input/Multiple Output

Description
This very compact panel 2.4/5.8 GHz multiple-input and multiple-output (MIMO) patch antenna is designed to operate with many manufacturers' enterprise-class 802.11n MIMO access points (APs). It features two independent dual-band, vertically polarized antennas in a single housing, making it an ideal and aesthetically pleasing antenna to support demanding indoor or outdoor applications in next generation IEEE 802.11n and 802.11ac wireless communication systems.
The antenna is fed via two N-Female ports, one for vertically polarized and one for horizontally polarized signals. This feature makes this antenna ideal for polarization diversity systems.
Designed for all weather operation, the HG2458-10DP features drain holes in the radome to help prevent moisture build-up inside the antenna. The antenna is supplied with a 30 degree tilt and swivel mast mount kit. This allows the antenna to be positioned for optimal performance. It can be adjusted up or down from 0° to 30°. It can be mounted to a 1" (25.4 mm) to 1.7" (43.2 mm) dia. masts.




Similar Part No. - HG2458-10DP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458-10DP-6NF L-COM-HG2458-10DP-6NF Datasheet
696Kb / 6P
HyperLink Wireless 2.4/4.9-5.8 GHz Six Element Dual Polarized Flat Panel Antenna
HG2458-10DP-BLK L-COM-HG2458-10DP-BLK Datasheet
218Kb / 2P
2.4 GHz to 2.5 GHz / 4.9 GHz to 5.8 GHz 10 dBi Dual Band Vertically Polarized Flat Panel Antenna N Type Female Connector, Black
REV 1.0
More results


Similar Description - HG2458-10DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
5.8 GHz Wi-Fi Directional Panel Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Taoglas antenna solutio...
FXP830240100B TAOGLAS-FXP830240100B Datasheet
453Kb / 14P
FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com