Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG706U-PRO Datasheet (PDF) - Infinite Electronics International, Inc.

HG706U-PRO Datasheet PDF - Infinite Electronics International, Inc.
Part # HG706U-PRO
Download  HG706U-PRO Download
File Size   310.38 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698-960 MHz 6 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome

HG706U-PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
HG706U-PRO Datasheet PDF - Infinite Electronics International, Inc.

Part # HG706U-PRO
Download  HG706U-PRO Click to download

File Size   310.38 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698-960 MHz 6 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome

HG706U-PRO Datasheet (HTML) - Infinite Electronics International, Inc.


HG706U-PRO Product details

Features
• All weather operation
• Includes heavy duty steel mast mounting brackets
• Lightweight fiberglass radome
• Integral N-Female connector
• Rugged industrial grade design
• 360° Omnidirectional Pattern
• 4 to 6 dBi gain

Applications
• Supports lowband LTE and 5G networks
• Point to Multipoint and Non Line of Sight (NLOS) Applications
• 600, 700, 800 Cellular Band Operation




Similar Part No. - HG706U-PRO

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG700DPU11-4F-R L-COM-HG700DPU11-4F-R Datasheet
518Kb / 4P
694-960 MHz, Omnidirectional Antenna, 11 dBi gain, 2-14 Degree RET, 2 x 4.3-10 Female Connector
03/10/2023
HG708U-PRO L-COM-HG708U-PRO Datasheet
310Kb / 3P
698-960 MHz 8 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/17/2021
More results


Similar Description - HG706U-PRO

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
OMB691203F21 TAOGLAS-OMB691203F21 Datasheet
1Mb / 20P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
logo
Pasternack Enterprises,...
PE51168 PASTERNACK-PE51168 Datasheet
425Kb / 5P
Low PIM Multi Band Dome Antenna Operates From 698 MHz to 5.9 GHz With a Typical 6 dBi Gain N Female Input Connector
logo
Taoglas antenna solutio...
OMB.6912.03F21 TAOGLAS-OMB.6912.03F21_18 Datasheet
1Mb / 22P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
4-9-10
logo
Pasternack Enterprises,...
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
PE51OM1041 PASTERNACK-PE51OM1041 Datasheet
511Kb / 3P
6 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com