Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS131 Datasheet (PDF) - Bridgelux, Inc.

DS131 Datasheet PDF - Bridgelux, Inc.
Part # DS131
Download  DS131 Download
File Size   951.87 Kbytes
Page   17 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description EB Series™ Gen 2

DS131 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS131 Datasheet PDF - Bridgelux, Inc.

Part # DS131
Download  DS131 Click to download

File Size   951.87 Kbytes
Page   17 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description EB Series™ Gen 2

DS131 Datasheet (HTML) - Bridgelux, Inc.


DS131 Product details

Features
Leading efficacy, up to 180 lm/W typical with 2x
overdrive capability
Ideal for DLC Premium Application
Uniform, high quality illumination
Available in a variety of color temperatures
Designed following Zhaga Book 7 standards L28W2
and L56W2
ENERGY STAR® / ANSI compliant 3 SDCM color
binning structure
Lumen output of up to 2386lm, 4772lm, and 9544lm
for 280mm, 560mm and 1120mm modules




Similar Part No. - DS131

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS131 LUMILEDS-DS131 Datasheet
1Mb / 18P
Integrated functionality for headlight solutions
logo
Bridgelux, Inc.
DS1310 BRIDGELUX-DS1310 Datasheet
1Mb / 24P
GEN9 V22 Array Series
10/2023
DS1311 BRIDGELUX-DS1311 Datasheet
1Mb / 21P
GEN9 Vero® 10 Array
07/2024
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1312 DALLAS-DS1312 Datasheet
188Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
More results


Similar Description - DS131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0202154 PHOENIX-0202154 Datasheet
48Kb / 2P
Insertion bridge - EB 2- 8 - 0202154
0203166 PHOENIX-0203166 Datasheet
43Kb / 2P
Insertion bridge - EB 2-15
0790608 PHOENIX-0790608 Datasheet
43Kb / 2P
Insertion bridge - EB 2- OTTA 6
0801157 PHOENIX-0801157 Datasheet
46Kb / 2P
Insertion bridge - EB 2- BK 4
1401158 PHOENIX-1401158 Datasheet
45Kb / 2P
Insertion bridge - EB 2- 5
2716648 PHOENIX-2716648 Datasheet
71Kb / 2P
EB 2- DIK BU
3009300 PHOENIX-3009300 Datasheet
47Kb / 2P
Insertion bridge - EB 2-18
3260157 PHOENIX-3260157 Datasheet
43Kb / 2P
Insertion bridge - EB 2-25/PT
logo
List of Unclassifed Man...
E3150 ETC-E3150 Datasheet
220Kb / 2P
EB SERIES TRANSISTORS
EB203D ETC-EB203D Datasheet
648Kb / 3P
EB SERIES TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com