Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS141 Datasheet (PDF) - Bridgelux, Inc.

DS141 Datasheet PDF - Bridgelux, Inc.
Part # DS141
Download  DS141 Download
File Size   1414.21 Kbytes
Page   16 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description EB Series™ Gen 3 F90 SE

DS141 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS141 Datasheet PDF - Bridgelux, Inc.

Part # DS141
Download  DS141 Click to download

File Size   1414.21 Kbytes
Page   16 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description EB Series™ Gen 3 F90 SE

DS141 Datasheet (HTML) - Bridgelux, Inc.


DS141 Product details

Lengths: 140mm, 280mm, 560mm, 1120mm
CRI: 90
CCTs: 2700K, 3000K, 3500K, 4000K, 5000K




Similar Part No. - DS141

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1410D DALLAS-DS1410D Datasheet
38Kb / 2P
Parallel Port Button Holder
DS1410E DALLAS-DS1410E Datasheet
126Kb / 7P
Parallel Port Adapter
logo
Maxim Integrated Produc...
DS1410E MAXIM-DS1410E Datasheet
266Kb / 3P
1-Wire Network Cables
2/15
logo
Dallas Semiconductor
DS1411 DALLAS-DS1411 Datasheet
50Kb / 1P
Serial Port iButton Holder
logo
Maxim Integrated Produc...
DS1411 MAXIM-DS1411 Datasheet
58Kb / 2P
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Rev 6/11
More results


Similar Description - DS141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201142 PHOENIX-0201142 Datasheet
47Kb / 2P
Insertion bridge - EB 3- 6 - 0201142
1401145 PHOENIX-1401145 Datasheet
50Kb / 2P
Insertion bridge - EB 3- 5
1780125 PHOENIX-1780125 Datasheet
59Kb / 2P
EB 8- KDS 3-SI
2716651 PHOENIX-2716651 Datasheet
54Kb / 2P
Insertion bridge - EB 3- DIK BU
3009305 PHOENIX-3009305 Datasheet
47Kb / 2P
Insertion bridge - EB 3-18
3026036 PHOENIX-3026036 Datasheet
69Kb / 2P
EB 3-OTTA 6
3026078 PHOENIX-3026078 Datasheet
70Kb / 2P
EB 3-OTTA 2,5
5020810 PHOENIX-5020810 Datasheet
45Kb / 2P
Insertion bridge - EB 3- 8/ST
logo
List of Unclassifed Man...
E3150 ETC-E3150 Datasheet
220Kb / 2P
EB SERIES TRANSISTORS
EB203D ETC-EB203D Datasheet
648Kb / 3P
EB SERIES TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com