Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG3517DP-090 Datasheet (PDF) - Infinite Electronics International, Inc.

HG3517DP-090 Datasheet PDF - Infinite Electronics International, Inc.
Part # HG3517DP-090
Download  HG3517DP-090 Download
File Size   226.34 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless Brand 3.5 GHz 16 dBi 90° Dual Polarized Sector Panel Antenna

HG3517DP-090 Datasheet (PDF)

Go To PDF Page Download Datasheet
HG3517DP-090 Datasheet PDF - Infinite Electronics International, Inc.

Part # HG3517DP-090
Download  HG3517DP-090 Click to download

File Size   226.34 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless Brand 3.5 GHz 16 dBi 90° Dual Polarized Sector Panel Antenna

HG3517DP-090 Datasheet (HTML) - Infinite Electronics International, Inc.


HG3517DP-090 Product details

Applications
 3.5 GHz Band applications
 Wireless LAN systems & IEEE 802.16e applications
 Mobile WiMAX
 Wireless Internet Provider "cell" sites
 SOFDMA

Features
 MIMO – Multiple-Input and Multiple-Output
 Dual Polarity feed system in a single
enclosure
 UV-resistant radome for all-weather
operation
 Two integral N-Female connectors




Similar Part No. - HG3517DP-090

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG3517DP4-090 L-COM-HG3517DP4-090 Datasheet
735Kb / 9P
3.3-3.8GHz, 90 Degree Sector Antenna, 17.0 dBi, 4-Port, ±45 Slant Polarization
04/29/2020
HG3517DP8-065 L-COM-HG3517DP8-065 Datasheet
524Kb / 5P
3300 MHz - 4200 MHz 18 dBi 65 Degree Sector Antenna /-45 Slant (X-pol) - 8 x Type N Female
29-06-2021
More results


Similar Description - HG3517DP-090

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
logo
List of Unclassifed Man...
SAPANEL19 ETC2-SAPANEL19 Datasheet
157Kb / 3P
15.5dBi Vertical Polarized 120 Sector Antenna
SAPANEL20 ETC2-SAPANEL20 Datasheet
158Kb / 3P
17dBi Vertical Polarized 120 Sector Antenna
SAPANEL21 ETC2-SAPANEL21 Datasheet
156Kb / 3P
16.5dBi Vertical Polarized 90 Sector Antenna
SAPANEL22 ETC2-SAPANEL22 Datasheet
160Kb / 3P
18dBi Vertical Polarized 90 Sector Antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30052-RA WPI-WPANT30052-RA Datasheet
78Kb / 2P
3.5 GHz WiMAX Directional Panel Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com